Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT240XQ-R Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # FT240XQ-R
Description  Future Technology Devices International Ltd
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT240XQ-R Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button FT240XQ-R Datasheet HTML 27Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 28Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 29Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 30Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 31Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 32Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 33Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 34Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
31
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
9 Package Parameters
The FT240X is available in two different packages. The FT240XS is the SSOP-24 option and the FT240XQ
is the QFN-24 package option. The solder reflow profile for both packages is described in Section 9.5.
9.1 SSOP-24 Package Mechanical Dimensions
Figure 9.1 SSOP-24 Package Dimensions
The FT240XS is supplied in a RoHS compliant 24 pin SSOP package. The package is lead (Pb) free and
uses a ‘green’ compound. The package is fully compliant with European Union directive 2002/95/EC.
This package is nominally 8.66mm x 3.91 mm body (8.66mm x 5.99mm including pins). The pins are on
a 0.635 mm pitch. The above mechanical drawing shows the SSOP-24 package.
The date code format is YYXX where XX = 2 digit week number, YY = 2 digit year number.
The code XXXXXXXXXXXX is the manufacturing LOT code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com