Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT240XQ-R Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # FT240XQ-R
Description  Future Technology Devices International Ltd
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT240XQ-R Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button FT240XQ-R Datasheet HTML 32Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 33Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 34Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 35Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 36Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 37Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 38Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 39Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 40Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
40
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
Appendix C - Revision History
Document Title:
USB 8-BIT FIFO IC FT240X
Document Reference No.:
FT_000626
Clearance No.:
FTDI# 259
Product Page:
http://www.ftdichip.com/FT-X.htm
Document Feedback:
Send Feedback
Version 1.0
Initial Datasheet Created
07/02/12
Version 1.1
Replaced VCC_CORE with VCORE
Updated 24 pin SSOP dimensions
22/02/12
Version 1.2
Clarified MTP Reliability in table 5.8
17/04/12
Edited Table 8.1, changed “Load VCP Driver” to
Disabled
Version 1.2
Removed references to LED signals on the CBUS pins
24/09/2012
in table 3.9 as these are not available on the FT240X.
Version 1.3
updated fron t page to clarify 5V tolerant
14/02/2013
Updated TID
Updated US address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com