Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT240XQ-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FT240XQ-R
Description  Future Technology Devices International Ltd
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT240XQ-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FT240XQ-R Datasheet HTML 1Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 2Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 3Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 4Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 5Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 6Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 7Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 8Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
1
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
Future Technology
Devices International Ltd.
FT240X
(USB 8-BIT FIFO IC)
The FT240X is a USB to parallel FIFO
interface with the following advanced
features:
Single chip USB to parallel FIFO bidirectional
data transfer interface.
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
Fully integrated 2048 byte multi-time-
programmable (MTP) memory, storing device
descriptors and FIFO I/O configuration.
Fully integrated clock generation with no
external crystal required plus optional clock
output selection enabling glue-less interface to
external MCU or FPGA.
Data transfer rates up to 1Mbyte / second.
512 byte receive buffer and 512 byte transmit
buffer utilising buffer smoothing technology to
allow for high data throughput.
FTDI’s royalty-free Virtual Com Port (VCP) and
Direct (D2XX) drivers eliminate the
requirement for USB driver development in
most cases.
Configurable FIFO interface I/O pins.
Synchronous and asynchronous bit bang
interface options.
USB Battery Charger Detection. Allows for USB
peripheral devices to detect the presence of a higher
power source to enable improved charging.
Device supplied pre-programmed with unique USB
serial number.
USB Power Configurations; supports bus- powered,
self-powered and bus-powered with power
switching.
Integrated +3.3V level converter for USB I/O.
True 3.3V CMOS drive output and TTL input;
operates down to 1V8 with external pull-ups.
Tolerant of 5V input.
Configurable I/O pin output drive strength; 4
mA(min) and 16 mA(max).
Integrated power-on-reset circuit.
Fully integrated AVCC supply filtering - no external
filtering required.
+5V Single Supply Operation.
Internal 3V3/1V8 LDO regulators
Low operating and USB suspend current; 8mA
(active-typ) and 125uA (suspend-typ).
UHCI/OHCI/EHCI host controller compatible.
USB 2.0 Full Speed capable.
Extended operating temperature range; -40 to 85⁰C.
Available in compact Pb-free 24 Pin SSOP and QFN-
24 packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park,
Glasgow G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT240XQ-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT240XQ ETC2-FT240XQ Datasheet
1Mb / 28P
Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
More results

Similar Description - FT240XQ-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
DS_USB-COM422-PLUS1 ETC2-DS_USB-COM422-PLUS1 Datasheet
678Kb / 23P
Future Technology Devices International Ltd
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT313HQ-R ETC2-FT313HQ-R Datasheet
1Mb / 67P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com