Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT240XQ-R Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # FT240XQ-R
Description  Future Technology Devices International Ltd
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT240XQ-R Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button FT240XQ-R Datasheet HTML 29Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 30Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 31Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 32Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 33Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 34Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 35Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 36Page - List of Unclassifed Manufacturers FT240XQ-R Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
Copyright © 2013 Future Technology Devices International Limited
33
FT240X USB 8-BIT FIFO IC Datasheet
Version 1.3
Document No.: FT_000626 Clearance No.:
FTDI# 259
9.3 QFN-24 Package Mechanical Dimensions
Figure 9.3 QFN-24 Package Dimensions
The FT240XQ is supplied in a RoHS compliant leadless QFN-24 package - WQFN(X424), with pad size
114x114. The package is lead ( Pb ) free, and uses a ‘green’ compound. The package is fully compliant
with European Union directive 2002/95/EC.
This package is nominally 4.0mm x 4.0mm. The solder pads are on a 0.50mm pitch. The above
mechanical drawing shows the QFN-24 package. All dimensions are in millimetres.
The centre pad on the base of the FT240XQ is internally connected to GND, and the PCB should not have
tracking on the top layer in this area.
The date code format is YYXX where XX = 2 digit week number, YY = 2 digit year number.
The code XXXXXXX is the manufacturing LOT code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com