Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HKBMSOP8 Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # HKBMSOP8
Description  155MHz LASER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

HKBMSOP8 Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  HKBMSOP8 Datasheet HTML 1Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 2Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 3Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 4Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 5Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 6Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 7Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
iC-HK, iC-HKB
155 MHz LASER SWITCH
Rev F1, Page 3/8
PACKAGES SO8tp, MSOP8tp to JEDEC
PIN CONFIGURATION SO8tp
1
2
3
4
8
7
6
5
EN1
AGND2
LDK
EN2
VDD
AGND1
GND
CI
PIN CONFIGURATION MSOP8tp
1
EN1
AGND1
LDK
AGND2
CI
VDD
GND
EN2
PIN FUNCTIONS
No. Name
Function
1 EN1
Channel 1 Switching Input
2 AGND1 Channel 1 Reference Ground
3 LDK
Driver Output (LD Cathode)
4 AGND2 Channel 2 Reference Ground
5 EN2
Channel 2 Switching Input
6 GND
Ground
7 VDD
+5 V Supply Voltage
8 CI
Voltage Reference for Current Control
The Thermal Pad is to be connected to a Ground Plane
on the PCB.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com