Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HKBMSOP8 Datasheet(PDF) 6 Page - Roithner LaserTechnik GmbH

Part # HKBMSOP8
Description  155MHz LASER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

HKBMSOP8 Datasheet(HTML) 6 Page - Roithner LaserTechnik GmbH

  HKBMSOP8 Datasheet HTML 1Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 2Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 3Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 4Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 5Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 6Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 7Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
iC-HK, iC-HKB
155 MHz LASER SWITCH
Rev F1, Page 6/8
ELECTRICAL CHARACTERISTICS DIAGRAMS
I(LDK)
t
Iop
10 % I op
90 % I op
t r
t f
Figure 3: Laser current pulse in LDK
RKx= 0
Ω
RKx= 1
Ω
RKx= 2
Ω
RKx= 3
Ω
RKx= 4
Ω
RKx= 5
Ω
RKx= 6
Ω
RKx= 8
Ω
RKx= 10
Ω
RKx= 15
Ω
RKx= 20
Ω
RKx= 30
Ω
RKx= 50
Ω
I(LDK)
V(CI)
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6 V
0
50
100
150
200
250
300 mA
Figure 4: Diode current vs. V(Cl) at Tj = 27 °C
RKx = 0
Ω
RKx = 1
Ω
RKx = 2
Ω
RKx = 3
Ω
RKx = 4
Ω
RKx = 6
Ω
RKx = 8
Ω
RKx = 10
Ω
RKx = 15
Ω
RKx = 20
Ω
RKx = 30
Ω
RKx = 50
Ω
I(LDK)
RKx = 5
Ω
700 mA
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8V
0
100
200
300
400
500
600
V(CI)
Figure 5: Diode current vs. V(Cl) at Tj = 27 °C
V(CI)
I(LDK)
3.5
4
4.5
5 V
0
200
400
600
800
1000
1200 mA
RKx = 0
Ω
RKx = 1
Ω
RKx = 2
Ω
RKx = 3
Ω
RKx = 4
Ω
RKx = 5
Ω
RKx = 6
Ω
RKx = 8
Ω
RKx = 10
Ω
RKx = 15
Ω
RKx = 20
Ω
RKx = 30
Ω
RKx = 50
Ω
Figure 6: Diode current vs. V(Cl) at Tj = 27 °C
0
0.5
1
1.5
2
0
50
100
150
200
V(CI)
max
min
I(LDK)
250 mA
RKx = 0
Ω
Figure 7: Diode current variation vs. V(CI) at
V(LDK) = 3 V
0
1
2
3
4
5 V
0
0.5
1
1.5 A
V(CI)
max
min
I(LDK)
RKx = 0
Ω
Figure 8: Diode current variation vs. V(CI) at
V(LDK) = 3 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com