Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HKBMSOP8 Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # HKBMSOP8
Description  155MHz LASER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

HKBMSOP8 Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  HKBMSOP8 Datasheet HTML 1Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 2Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 3Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 4Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 5Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 6Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 7Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
iC-HK, iC-HKB
155 MHz LASER SWITCH
Rev F1, Page 5/8
ELECTRICAL CHARACTERISTICS
Operating Conditions: VDD = 3.5...5.5 V, Tj = -25...125 °C unless otherwise stated
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
No.
°C
Min.
Typ.
Max.
Total Device
001
VDD
Permissible Supply Voltage
3.5
5.5
V
002
I(VDD)
Supply Current in VDD
CW operation
0
80
µA
003
I(VDD)
Supply Current in VDD
pulsed operation,
f(EN1, EN2) = 150 MHz
0
150
mA
004
V(LDK)
Permissible Voltage at LDK
iC-HK
0
5.5
V
iC-HKB
0
12
V
005
Vc(CI)hi
Clamp Voltage hi at CI
Vc(CI) = V(CI) – VDD,
I(CI) = 10 mA, other pins open
0.4
1.25
V
006
Vc(EN)hi
Clamp Voltage hi at EN1, EN2
Vc(EN) = V(EN) – VDD,
I(EN) = 1 mA, other pins open
0.4
1.25
V
007
Vc()lo
Clamp Voltage lo at VDD, LDK,
CI, EN1, EN2, AGND1, AGND2
I() = -10 mA, other pins open
-1.25
-0.4
V
008
Ipd()
Pull-Down Current at CI, EN1,
EN2
1
5
µA
009
Toff
Overtemperature Shutdown
110
150
°C
Laser Control LDK, CI, EN1, EN2
101
Icw(LDK)
Permissible CW Current in LDK
(per channel)
150
mA
102
Ipk(LDK)
Permissible Pulsed Current in
LDK (per channel)
f > 100 kHz, thi/T < 1:10
700
mA
107
Vs(LDK)
Saturation Voltage at LDK
I(LDK) = 40 mA
1.2
V
I(LDK) = 60 mA
1.3
V
I(LDK) = 150 mA, iC-HK
1.5
V
I(LDK) = 150 mA, iC-HKB
1.8
V
108
I0(LDK)
Leakage Current in LDK
ENx = lo, V(LDK) = VDD
0
10
µA
109
tr()
LDK Current Rise Time
Iop = 150 mA,
I(LDK): 10% → 90%Iop
3
1.5
ns
110
tf()
LDK Current Fall Time
Iop(LDK) = 150 mA,
I(LDK): 90% → 10%Iop
3
1.5
ns
111
tp()
Propagation Delay
V(ENx) → I(LDK)
ENx hi ↔ lo, V(50%) → I(50%)
1
3
ns
112
Vt(ENx)
Input Threshold Voltage
33
50
67
%VDD
113
V(CI)
Permissible Voltage at CI
0
5.5
V
114
Vt(CI)
Threshold Voltage at CI
I(LDK) < 5 mA
0.75
1.15
V
115
CR()
Current Matching Chan-
nel1/Channel2
V(CI) = 0...VDD,
I(LDK) = 30...300 mA, RK1 = RK2
0.9
1
1.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com