Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HKBMSOP8 Datasheet(PDF) 4 Page - Roithner LaserTechnik GmbH

Part # HKBMSOP8
Description  155MHz LASER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

HKBMSOP8 Datasheet(HTML) 4 Page - Roithner LaserTechnik GmbH

  HKBMSOP8 Datasheet HTML 1Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 2Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 3Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 4Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 5Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 6Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 7Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
iC-HK, iC-HKB
155 MHz LASER SWITCH
Rev F1, Page 4/8
ABSOLUTE MAXIMUM RATINGS
Beyond these values damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Max.
G001 VDD
Voltage at VDD
-0.7
6
V
G002 I(VDD)
Current in VDD
-10
150
mA
G003 V(CI)
Voltage at CI
-0.7
6
V
G004 I(LDK)
Current in LDK
DC current
-10
300
mA
G005 I(AGND1)
Current in AGND1
DC current
-150
10
mA
G006 I(AGND2)
Current in AGND2
DC current
-150
10
mA
G007 V()
Voltage at EN1, EN2, AGND1 and
AGND2
-0.7
6
V
G008 V(LDK)
Voltage at LDK
iC-HK
-0.7
6
V
iC-HKB
-0.7
15
V
G009 Vd()
Susceptibility to ESD at all pins
HBM, 100 pF discharged through 1.5 kΩ
1
kV
G010 Tj
Operating Junction Temperature
-40
150
°C
G011 Ts
Storage Temperature Range
-40
150
°C
THERMAL DATA
Operating Conditions: VDD = 3.5...5.5 V
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
T01
Ta
Operating Ambient Temperature Range
(extended range on request)
-25
85
°C
T02
Rthja
Thermal Resistance Chip/Ambient
(SO8)
soldered to PCB, no additional cooling areas
170
K/W
therm. pad soldered to approx. 2 cm² cooling
area
30
50
K/W
T03
Rthja
Thermal Resistance Chip/Ambient
(MSOP8)
soldered to PCB, therm. pad soldered to
approx. 2 cm² cooling area
30
60
K/W
All voltages are referenced to ground unless otherwise stated.
All currents into the device pins are positive; all currents out of the device pins are negative.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com