Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HKBMSOP8 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # HKBMSOP8
Description  155MHz LASER SWITCH
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

HKBMSOP8 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  HKBMSOP8 Datasheet HTML 1Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 2Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 3Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 4Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 5Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 6Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 7Page - Roithner LaserTechnik GmbH HKBMSOP8 Datasheet HTML 8Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
iC-HK, iC-HKB
155 MHz LASER SWITCH
Rev F1, Page 1/8
FEATURES
o Laser switch for frequencies from CW up to 155 MHz
o Spike-free switching of the laser current
o Dual switching inputs with independent current control
o Operates as a voltage-controlled current source
o Pulsed operation with up to 700 mA per channel
o CW operation with up to 150 mA per channel
o Simple power control at pin CI
o Control to the mean of the laser power in conjunction with
iC-WK/L (CW laser diode driver)
o Supplement to iC-WK/L for pulsed operation
o Thermal shutdown
o Protective ESD circuitry
o iC-HKB for driving blue laser diodes
o Option: extended temperature range
APPLICATIONS
o Data transmission
o Laser scanning devices
o Optical storage devices
PACKAGES
SO8
thermal pad
MSOP8
thermal pad
BLOCK DIAGRAM
2
5
7
Suitable laser diode configurations:
N
LD
MD LD
MD
LD
OVERTEMP.
SHUTDOWN
iC−HK/B
CI
LDK
EN1
EN2
AGND2
AGND1
GND
8
3
1
5
4
2
6
VDD
7
MD LD
RK1
RK2
CI
CLDA
RM
MD
M
P
M2
M1
LDA
MDA
CI
iC−WK
LD
Operation with constant
current (uncontrolled):
Operation in conjunction with
iC−WK (power controlled):
4
MDK
P
M/N
Copyright © 2009 iC-Haus
http://www.ichaus.com


Similar Part No. - HKBMSOP8

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HKB29B0-FREQ NEL-HKB29B0-FREQ Datasheet
157Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HKB29B1-FREQ NEL-HKB29B1-FREQ Datasheet
157Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HKB29B7-FREQ NEL-HKB29B7-FREQ Datasheet
157Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HKB29B9-FREQ NEL-HKB29B9-FREQ Datasheet
157Kb / 2P
CRYSTAL CLOCK OSCILLATORS
HKB29BA-FREQ NEL-HKB29BA-FREQ Datasheet
157Kb / 2P
CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - HKBMSOP8

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA155E1 TAI-SAW-TA155E1 Datasheet
198Kb / 4P
SAW Filter 155MHz
logo
IC-Haus GmbH
IC-HB ICHAUS-IC-HB Datasheet
586Kb / 8P
TRIPLE 155MHz LASER SWITCH
IC-HG ICHAUS-IC-HG Datasheet
844Kb / 19P
3A LASER SWITCH
IC-HK ICHAUS-IC-HK Datasheet
322Kb / 8P
155MHz LASER SWITCH
IC-HK ICHAUS-IC-HK_1 Datasheet
980Kb / 13P
155MHz LASER SWITCH
IC-HB ICHAUS-IC-HB_13 Datasheet
1Mb / 8P
TRIPLE 155MHz LASER SWITCH
logo
Roithner LaserTechnik G...
HKSO8-TP ROITHNER-HKSO8-TP Datasheet
322Kb / 8P
155MHz LASER SWITCH
HKMSOP8 ROITHNER-HKMSOP8 Datasheet
322Kb / 8P
155MHz LASER SWITCH
HBQFN24 ROITHNER-HBQFN24 Datasheet
1Mb / 8P
TRIPLE 155MHz LASER SWITCH
logo
IC-Haus GmbH
IC-HK ICHAUS-IC-HK_15 Datasheet
422Kb / 10P
155MHz LASER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com