Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2-21 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DP2-21
Description  High-performance Digital Pressure Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-21 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DP2-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 9Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 10Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 11Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 12Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 13Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
kPa
MPa
kgf/cm2
bar
psi
mmHg
inHg
atm
(Torr)
1 kPa
1
1
10 3
1.01972
10 2
1
10 2
1.45038
10 1
7.50062
0.2953
9.86923
10 3
1 MPa
1
103
1
1.01972
10
1
10
1.45038
102 7.50062
103 0.2953
103
9.86923
1 kgf/cm2 9.80665
10 9.80665
10 2
1
9.80665
10 1 1.42234
10
7.35559
102
2.8959
10 9.67841
10 1
1 bar
1
102
1
10 1
1.01972
1
1.45038
10
7.50062
102
2.953
10
9.86923
10 1
1 psi
6.89473
6.89473
10 3 7.03065
10 2 6.89473
10 2
1
5.17147
10
2.036
6.80457
10 2
1 mmHg
1.33322
10 1 1.33322
10 4 1.35951
10 3 1.33322
10 3 1.93368
10 2
1
3.9370
10 2 1.31579
10 3
(1 Torr)
1 inHg
3.3864
3.3864
10 3 3.4531
10 2 3.3864
10 2
0.4912
2.5400
10
1
3.342
10 2
1 atm
1.01325
102 1.01325
10 1
1.03323
1.01325
1.46960
10
7.60000
102
2.9921
10
1
PRECAUTIONS FOR PROPER USE
DP2
801
Conversion procedure
Conversion table for pressure units
Conversion of pressure units
• In the DP2 series, the conversion
to different units is automatically
done on changing the setting of
the pressure unit. However, this
conversion can also be obtained
by multiplying the values by the
coefficients given in the table on
the right.
• For example, if 2 kPa is to be expressed
in kgf/cm2,
since 1 kPa
1.01972
10 2 kgf/cm2,
2 kPa becomes
2
1.01972
10 2 c 0.020 kgf/cm2.
Setting of key-protect
Key-protect function
• Key-protect is a function which prevents any unintentional
change in the conditions which have been entered in each
setting mode by making the sensor not to respond to the
key operations.
• In the sensing mode, press
key continuously
for about 3 sec. and release it immediately when
is displayed.
• Key-protect is set and the sensor returns to the
sensing mode.
MODE
Others
• Use within the rated pressure range.
• Do not apply pressure exceeding the pressure with-
standability value. The diaphragm will get damaged and
correct operation shall not be maintained.
• Do not use during the initial transient time (0.5 sec.) after
the power supply is switched on.
• Avoid use of standard type, flat type and light weight type
of sensors in places where steam and dust is excessive.
• Take care that the sensor does not come in direct contact
with water, oil, grease, or organic solvents, such as,
thinner, etc.
• Do not insert wires, etc., into the pressure port. The
diaphragm will get damaged and correct operation shall
not be maintained.
• Do not operate the keys with pointed or sharp objects.
DP2-20
–101.3kPa
OUT2
OUT1
MODE
0-ADJ
All models
Release of key-protect
• In the sensing mode, press
key continuously
for about 3 sec. and release it immediately when
is displayed.
• Key-protect is released and the sensor returns to the
sensing mode.
MODE
DP2-20
–101.3kPa
OUT2
OUT1
MODE
0-ADJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com