Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2-21 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DP2-21
Description  High-performance Digital Pressure Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-21 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DP2-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 9Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 10Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 11Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PRECAUTIONS FOR PROPER USE
DP2
799
All models
Error message
Cause
Corrective action
Overcurrent due to short-
circuit.
Pressure is being applied
during zero-point adjust-
ment.
Applied pressure
exceeds the upper
limit of displayable
pressure range.
Applied pressure
exceeds the lower
limit of displayable
pressure range.
Applied pressure
exceeds the lower
limit of displayable
pressure range.
Applied pressure
exceeds the upper
limit of displayable
pressure range.
Switch off the power supply
and check the load.
Applied pressure at the
pressure port should be
brought to atmospheric pres-
sure and zero-point adjust-
ment should be done again.
Applied pressure should be
brought within the rated
pressure range.
Error messages
• When an error occurs, take the following corrective action.
• This product is not a safety sensor. Its use is not
intended or designed to protect life and prevent
body injury or property damage from dangerous
parts of machinery. It is a normal pressure
detection sensor.
• The DP2 series is designed for use with non-
corrosive gas. It cannot be used with liquid or cor-
rosive gas.
• The DP2 series is a CE conformity product complying with
EMC Directive. The harmonized standard with regard to
immunity that applies to this product is EN 61000-6-2
(Note) and the following condition must be met to conform
to that standard.
Conditions in use for CE conformity
Condition
• If setting is impossible even with pressing the MODE key,
verify whether the key-protect function is enabled. Please
note that pressing down on the MODE key for an
extended moment will enable the key-protect function as
soon as the key is released.
• If using the window comparator mode, set the pressure
value so that there is a difference of 3 digits, or more,
between Set Value 1 (P-1) and Set Value 2 (P-2). No
output will be possible with a 0 to 2 digit difference.
Operation
Wiring
The analog voltage output does not incorporate a short-
circuit protection circuit. Do not directly connect a power
supply or a capacitive load.
• Make sure that the power supply is off while wiring.
• Verify that the supply voltage variation is within the rating.
• If power is supplied from a commercial switching regulator,
ensure that the frame ground (F.G.) terminal of the power
supply is connected to an actual ground.
• In case noise generating equipment (switching regulator,
inverter motor, etc.) is used in the vicinity of this sensor,
connect the frame ground (F.G.) terminal of the equipment
to an actual ground.
• Do not run the wires together with high-voltage lines or
power lines or put them in the same raceway. This can
cause malfunction due to induction.
• The sensor should be connected less than 10 m 32.808 ft
from the power supply.
Note: The EN 50082-2 that previously applied to the products for conforming to
EMC Directive was replaced by EN 61000-6-2 starting April 1st, 2002.
Displays measured pressure, settings, error
messages and key-protect status.
Lights up when Comparative Output 1 is ON.
Lights up when Comparative Output 2 is ON.
• In the initial setting mode, pressing the
key changes the settable digit.
• In the Set Value 1, 2 modes, pressing
the key changes the set value to the
high pressure side in case of positive
pressure type sensor and to the high
vacuum side in case of vacuum pres-
sure type sensor.
• In the sensing mode, if the key is
pressed continuously for 4 sec. or more,
the display shows peak hold value.
• In the initial setting mode, pressing the
key changes the set conditions.
• In the Set Value 1, 2 modes, pressing
the key changes the set value to the
low pressure side in case of positive
pressure type sensor and to the low
vacuum side in case of vacuum pres-
sure type sensor.
• In the sensing mode, if the key is
pressed continuously for 4 sec. or more,
the display shows bottom hold value.
• Each press of the key changes the selected
mode to sensing mode, Set Value 1 (P-1) set
mode and Set Value 2 (P-2) set mode.
• In the sensing mode, if the key is pressed
continuously for about 3 sec., key-protect can
be set / released.
• In the sensing mode, if the mode selection
key is pressed while pressing the increment
key (
), the initial setting mode is obtained.
Functional description
DP2-20
–101.3kPa
OUT2
OUT1
MODE
0-ADJ
1
2
3
6
4
5
31/2 digit LED
display (Red)
Comparative Output 1
operation indicator
(Orange)
Comparative Output 2
operation indicator
(Green)
4
5
6
1
2
3
Increment key (
)
Mode selection key
()
MODE
Decrement key (
)
Description
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com