Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2-21 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DP2-21
Description  High-performance Digital Pressure Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-21 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DP2-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 9Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Type of pressure
Rated pressure range
Set pressure range
Pressure withstandability
Applicable fluid
Selectable units
Supply voltage
Current consumption
Comparative outputs
Comparative Output 1
Comparative Output 2
Utilization category
Output modes
Hysteresis
Repeatability
Response time
Short-circuit protection
Analog voltage output
Display
Displayable pressure range
Analog bar display
Comparative Output 1
Comparative Output 2
Pollution degree
Protection
Ambient temperature
Ambient humidity
EMC
Voltage withstandability
Insulation resistance
Vibration resistance
Shock resistance
Temperature characteristics
Asian
North American
European
Material
Cable
Cable extension
Weight
Accessories
Gauge pressure
0 to
101.3 kPa
0 to 100.0 kPa
0 to 1.000 MPa
5.1 to
101.3 kPa
5.0 to 100.0 kPa
0.050 to 1.000 MPa
0.052 to
1.033 kgf/cm2, 0.051 to
1.013 bar
0.051 to 1.020 kgf/cm2
0.51 to 10.20 kgf/cm2
0.74 to
14.70 psi, 38 to
760 mmHg
0.050 to 1.000 bar
0.50 to 10.00 bar
1.5 to
29.9 inHg
0.72 to 14.50 psi
7.2 to 145.0 psi
490 kPa
1.47 MPa
Non-corrosive gas
kPa, kgf/cm2, bar, psi, mmHg, inHg
kPa, kgf/cm2, bar, psi
MPa, kgf/cm2, bar, psi
12 to 24 V DC
% Ripple P-P 10 % or less
50 mA or less
DC-12 or DC-13
Equipped with 4 types of modes: hysteresis mode, window comparator mode, dual output mode, automatic sensitivity setting
mode (selectable by key operation)
1 digit (however, variable in hysteresis mode and 2 digits when using psi unit)
Within
0.2 % F.S.
1 digit
2.5 ms or less
Incorporated
Output voltage: 1 to 5 V (over rated pressure range)
Zero-point: within 1 V
5 % F.S.
Span: within 4 V
5 % F.S.
Linearity: within
1 % F.S.
Output impedance: 1 k
Ω approx.
31/2 digit red LED display (Sampling rate: 4 times/sec. approx.)
5.1 to
101.3 kPa
5.0 to 100.0 kPa
0.050 to 1.000 MPa
0.052 to
1.033 kgf/cm2, 0.051 to
1.013 bar
0.051 to 1.020 kgf/cm2
0.51 to 10.20 kgf/cm2
0.74 to
14.70 psi, 38 to
760 mmHg
0.050 to 1.000 bar
0.50 to 10.00 bar
1.5 to
29.9 inHg
0.72 to 14.50 psi
7.2 to 145.0 psi
LED bar display in steps of 10 % F.S. approx.
Orange LED (lights up when Comparative Output 1 is ON)
Green LED (lights up when Comparative Output 2 is ON)
3 (Industrial environment)
Standard, Flat and Light weight types: IP40 (IEC), IP67 type: IP67 (IEC)
10 to
50 C
14 to
122 F (No dew condensation or icing allowed), Storage:
10 to
60 C
14 to
140 F
35 to 85 % RH, Storage: 35 to 85 % RH
EN 50081-2, EN 50082-2, EN 61000-6-2
1,000 V AC for one min. between all supply terminals connected together and enclosure
50 M
Ω, or more, with 500 V DC megger between all supply terminals connected together and enclosure
10 to 150 Hz frequency, 0.75 mm 0.030 in amplitude in X, Y and Z directions for two hours each
100 m/s2 acceleration (10 G approx.) in X, Y and Z directions for three times each
Over ambient temperature range
10 to
50 C
14 to
122 F : within
1 % F.S. of detected pressure at
20 C
68 F
Standard, Flat and IP67 types: Rc (PT) 1/8 female thread, Light weight type: M5 female thread
Standard type: NPTF 1/8 female thread, Flat and IP67 types: NPT 1/8 female thread
Flat and IP67 types: G (PF) 1/8 female thread
Front case: ABS, Rear case: PPS (glass fiber reinforced), Display surface: Acrylic
Pressure port attachment: Die-cast zinc alloy [Light weight type: POM (glass fiber reinforced), pressure port is brass (nickel plated)]
Front cover (IP67 type only): Polycarbonate
0.15 mm2 5-core oil resistant cabtyre cable, 2 m 6.562 ft long (IP67 type: 5 m 16.404 ft long)
Extension up to total 100 m 328.084 ft (less than 10 m 32.808 ft when conforming to CE marking) is possible with 0.3 mm2, or more, cable.
Standard type: 95 g approx., Flat type: 120 g approx., IP67 type: 370 g approx., Light weight type: 70 g approx.
Hexagon-socket-head plug for pressure port: 1 pc. (Standard type only), Pressure unit label: 1 pc.
5
1
Pressure
High pressure (Positive pressure type)
High vacuum (Vacuum pressure type)
<Asian, North American (Standard NPN output, flat and IP67 types)>
NPN open-collector transistor
• Maximum sink current: 100 mA
• Applied voltage: 30 V DC or less (between comparative output and 0 V)
• Residual voltage: 1 V or less (at 100 mA sink current)
0.4 V or less (at 16 mA sink current)
<North American (Standard PNP output type), European>
PNP open-collector transistor
• Maximum source current: 100 mA
• Applied voltage: 30 V DC or less (between comparative output and V)
• Residual voltage: 2 V or less (at 100 mA source current)
()
Pressure
port
Vacuum pressure
Positive pressure
101kPa type
100kPa type
1MPa type
Standard Light weight
Flat
IP67
Standard
Flat
IP67
Standard
Flat
IP67
DP2-20
DP2-80
DP2-60
DP2-21
DP2-41
DP2-61
DP2-22
DP2-42
DP2-62
DP2-20F(-P)
DP2-40N DP2-60N DP2-21F(-P) DP2-41N DP2-61N DP2-22F(-P) DP2-42N DP2-62N
DP2-40E DP2-60E
DP2-41E DP2-61E
DP2-42E DP2-62E
Type
Asian
North American (Note)
Item
European
Operation
indicators
SPECIFICATIONS
DP2
797
10
15
Note: Model Nos. of North American standard type having the suffix ‘-P’ are PNP output type.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com