Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2-21 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DP2-21
Description  High-performance Digital Pressure Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-21 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DP2-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
This is a multi-functional controller having
mathematical functions, hold function, etc.
• Supply voltage: 100 to 240 V AC 10 %
• No. of inputs: 2 Nos. (sensor inputs)
• Input range: 1 to 5 V DC
• Power supply for sensor: 12 V DC, 150 mA
• Main functions:
Mathematical functions, process number
selection function, hold function, scaling
function, auto-reference function, power supply
ON-delay function, measurement start delay
function, hysteresis setting function, etc.
Relay contact
NPN open-collector
transistor
NPN open-collector
transistor
With BCD output
CA-R2
CA-T2
CA-B2
This is a very small controller which allows two
independent threshold level settings.
• Supply voltage: 24 V DC 10 %
• No. of inputs: 1 No. (sensor input)
• Input range: 1 to 5 V DC
• Main functions:
Threshold level setting function, zero-adjust
function, scale setting function, hysteresis
setting function, start / hold function, auto-
reference function, power supply ON-delay
function, etc.
NPN open-collector
transistor
CA2-T2
Sensor
mounting
bracket
(For standard type)
Straight bush
Mounting bracket for standard type
Two M4 (length 6 mm 0.236 in) pan head screws and two spring
washers are attached.
Back angled mounting bracket for standard type
Two M4 (length 6 mm 0.236 in) pan head screws and two spring
washers are attached.
Changes the pressure port from female thread [Rc (PT) 1/8] to
male thread [R (PT) 1/8]
Designation
Model No.
Description
Panel mounting
bracket
(For standard type)
Front protection
cover
(For standard type)
MS-DPX
MS-DPX-4
DPX-03
MS-DPX-2
DPX-04
It can be used for mounting on a panel
(1 to 3.2 mm 0.039 to 0.126 in thick).
It protects the sensor’s adjustment panel.
(It can be fitted when the panel mounting bracket is used.)
Digital panel
controller
(Note)
OPTIONS
DP2
796
Note: For further details, refer to p.864l for the ultra-compact digital panel controller CA2 series, and to
p.854l for the digital panel controller CA series.
[
[
]
]
Panel mounting bracket,
Front protection cover
• MS-DPX-2
• DPX-04
Sensor mounting bracket
• MS-DPX
• MS-DPX-4
DP
2-2
0
–101
.3kP
a
OU
T2
OU
T1
MO
DE
0-A
DJ
Front protection
cover DPX-04
Panel mounting bracket
MS-DPX-2
Suitable for 1 to 3.2 mm
0.039 to 0.126 in thick panel
()
DP
2-2
0
–101
.3kP
a
OU
T2
OU
T1
MO
DE
0-A
DJ
Two M4 (length 6 mm 0.236 in)
pan head screws and two
spring washers are attached.
Digital panel controller
• CA2 series
• CA series
Two M4 (length 6 mm 0.236 in)
pan head screws and two
spring washers are attached.
Straight bush
• DPX-03
Straight
bush



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com