Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP2-21 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # DP2-21
Description  High-performance Digital Pressure Sensor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP2-21 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  DP2-21 Datasheet HTML 1Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 2Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 3Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 4Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 5Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 6Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP2-21 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
0 to
101.3 kPa
0 to 100.0 kPa
0 to 1.000 MPa
0 to
101.3 kPa
0 to 100.0 kPa
0 to 1.000 MPa
0 to
101.3 kPa
0 to 100.0 kPa
0 to 1.000 MPa
DP2-20
DP2-20F
DP2-20F-P
DP2-21
DP2-21F
DP2-21F-P
DP2-22
DP2-22F
DP2-22F-P
DP2-80
DP2-40N
DP2-40E
DP2-41
DP2-41N
DP2-41E
DP2-42
DP2-42N
DP2-42E
DP2-60
DP2-60N
DP2-60E
DP2-61
DP2-61N
DP2-61E
DP2-62
DP2-62N
DP2-62E
Rc (PT) 1/8
female thread
NPTF 1/8
female thread
Rc (PT) 1/8
female thread
NPTF 1/8
female thread
Rc (PT) 1/8
female thread
NPTF 1/8
female thread
M5 female thread
NPT 1/8
female thread
G (PF ) 1/8
female thread
Rc (PT) 1/8
female thread
NPT 1/8
female thread
G (PF) 1/8
female thread
Rc (PT) 1/8
female thread
NPT 1/8
female thread
G (PF) 1/8
female thread
Rc (PT) 1/8
female thread
NPT 1/8
female thread
G (PF) 1/8
female thread
Rc (PT) 1/8
female thread
NPT 1/8
female thread
G (PF) 1/8
female thread
Rc (PT) 1/8
female thread
NPT 1/8
female thread
G (PF) 1/8
female thread
NPN open-collector
transistor
PNP open-collector
transistor
PNP open-collector
transistor
PNP open-collector
transistor
NPN open-collector
transistor
NPN open-collector
transistor
NPN open-collector
transistor
NPN open-collector
transistor
PNP open-collector
transistor
PNP open-collector
transistor
NPN open-collector
transistor
PNP open-collector
transistor
NPN open-collector
transistor
PNP open-collector
transistor
NPN open-collector
transistor
PNP open-collector
transistor
NPN open-collector
transistor
PNP open-collector
transistor
Type
Appearance
Rated pressure range
Model No.
Pressure port
Comparative output
DP2
794
ORDER GUIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com