Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP4302 Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTP4302
Description  Power MOSFET 74 Amps, 30 Volts N?묬hannel TO??20 & D2PAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP4302 Datasheet(HTML) 5 Page - ON Semiconductor

  NTP4302 Datasheet HTML 1Page - ON Semiconductor NTP4302 Datasheet HTML 2Page - ON Semiconductor NTP4302 Datasheet HTML 3Page - ON Semiconductor NTP4302 Datasheet HTML 4Page - ON Semiconductor NTP4302 Datasheet HTML 5Page - ON Semiconductor NTP4302 Datasheet HTML 6Page - ON Semiconductor NTP4302 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NTP4302, NTB4302
http://onsemi.com
5
SAFE OPERATING AREA
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
Figure 13. Thermal Response
Figure 14. Diode Reverse Recovery Waveform
RqJC(t) = r(t) RqJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
t, TIME (s)
1.00
0.10
0.01
0.2
D = 0.5
0.05
0.01
SINGLE PULSE
0.1
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
0.02
ORDERING INFORMATION
Device
Package
Shipping†
NTP4302
TO−220AB
50 Units / Rail
NTP4302G
TO−220AB
(Pb−Free)
50 Units / Rail
NTB4302
D2PAK
50 Units / Rail
NTB4302G
D2PAK
(Pb−Free)
50 Units / Rail
NTB4302T4
D2PAK
800 / Tape & Reel
NTB4302T4G
D2PAK
(Pb−Free)
800 / Tape & Reel
†For information on tape and reel specifications,including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com