Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP4302 Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTP4302
Description  Power MOSFET 74 Amps, 30 Volts N?묬hannel TO??20 & D2PAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP4302 Datasheet(HTML) 3 Page - ON Semiconductor

  NTP4302 Datasheet HTML 1Page - ON Semiconductor NTP4302 Datasheet HTML 2Page - ON Semiconductor NTP4302 Datasheet HTML 3Page - ON Semiconductor NTP4302 Datasheet HTML 4Page - ON Semiconductor NTP4302 Datasheet HTML 5Page - ON Semiconductor NTP4302 Datasheet HTML 6Page - ON Semiconductor NTP4302 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTP4302, NTB4302
http://onsemi.com
3
0
2.5
30
2
1
0
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
70
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
10
20
40
50
60
3
1.4
1.2
1
0.6
100
1
1000
10000
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
04
26
10
Figure 3. On−Resistance versus
Gate−to−Source Voltage
VGS, GATE−TO−SOURCE VOLTAGE (VOLTS)
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
ID, DRAIN CURRENT (AMPS)
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
−50
50
25
0
−25
75
100
26
020
25
15
10
30
40
20
0
60
10
30
50
34
5
0.8
150
125
0.04
0
0.06
0.08
ID = 20 A
TJ = 25°C
ID = 20 A
VGS = 10 V
TJ = 25°C
TJ = −55°C
TJ = 100°C
TJ = 100°C
TJ = 150°C
VGS = 0 V
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
4.6 V
7 V
0.02
80
30
20
10
40
70
0.01
0
0.015
0.005
50
60
1.6
0.5
1.5
VGS = 10 V
10
VDS ≥ 10 V
5 V
4.4 V
TJ = 25_C
4 V
3.8 V
3.4 V
3.2 V
3 V
2.8 V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com