Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP4302 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTP4302
Description  Power MOSFET 74 Amps, 30 Volts N?묬hannel TO??20 & D2PAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP4302 Datasheet(HTML) 1 Page - ON Semiconductor

  NTP4302 Datasheet HTML 1Page - ON Semiconductor NTP4302 Datasheet HTML 2Page - ON Semiconductor NTP4302 Datasheet HTML 3Page - ON Semiconductor NTP4302 Datasheet HTML 4Page - ON Semiconductor NTP4302 Datasheet HTML 5Page - ON Semiconductor NTP4302 Datasheet HTML 6Page - ON Semiconductor NTP4302 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 3
1
Publication Order Number:
NTP4302/D
NTP4302, NTB4302
Power MOSFET
74 Amps, 30 Volts
N−Channel TO−220 & D2PAK
Features
• Low RDS(on)
• Higher Efficiency Extending Battery Life
• Diode Exhibits High Speed, Soft Recovery
• Avalanche Energy Specified
• IDSS Specified at Elevated Temperature
• Pb−Free Packages are Available
Typical Applications
• DC−DC Converters
• Low Voltage Motor Control
• Power Management in Portable and Battery Powered Products:
Ie: Computers, Printers, Cellular and Cordless Telephones, and
PCMCIA Cards
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
Vdc
Drain−to−Gate Voltage (RGS = 10 MW)
VDGR
30
Vdc
Gate−to−Source Voltage − Continuous
VGS
"20
Vdc
Drain Current
− Continuous @ TC = 25°C
− Continuous @ TC = 100°C
− Single Pulse (tpv10 ms)
ID
ID
IDM
74
47
175
Adc
Apk
Total Power Dissipation @ TC = 25°C
Derate above 25
°C
PD
80
0.66
W
W/
°C
Operating and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
Single Pulse Drain−to−Source Avalanche
Energy − Starting TJ = 25°C
(VDD = 30 Vdc, VGS = 10 Vdc, L = 5.0 mH
IL(pk) = 17 A, VDS = 30 Vdc, RG = 25 W)
EAS
722
mJ
Thermal Resistance
− Junction−to−Case
− Junction−to−Ambient (Note 1)
RqJC
RqJA
1.55
70
°C/W
Maximum Lead Temperature for Soldering
Purposes, 1/8 in from case for 10 seconds
TL
260
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. When surface mounted to an FR4 Board using minimum recommended Pad
Size, (Cu Area 0.412 in2).
2. Current limited by internal lead wires.
TO−220AB
CASE 221A
STYLE 5
1
2
3
4
N−Channel
D
S
G
MARKING DIAGRAMS
& PIN ASSIGNMENTS
1
2
3
4
D2PAK
CASE 418AA
STYLE 2
http://onsemi.com
VDSS
RDS(ON) MAX
ID MAX
30 V
9.3 m
W @ 10 V
74 A
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 5 of this data sheet.
NTx4302
= Device Code
x
= B or P
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
NTx4302G
AYWW
1
Gate
3
Source
4
Drain
2
Drain
NTx4302G
AYWW
1
Gate
3
Source
4
Drain
2
Drain


Similar Part No. - NTP4302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP4302 ONSEMI-NTP4302 Datasheet
71Kb / 8P
NTP4302, NTB4302
October, 2003 ??Rev. 1
NTP4302 ONSEMI-NTP4302 Datasheet
71Kb / 8P
Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
More results

Similar Description - NTP4302

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTB4302 ONSEMI-NTB4302 Datasheet
71Kb / 8P
Power MOSFET 74 Amps, 30 Volts
October, 2003 ??Rev. 1
NTB23N03R ONSEMI-NTB23N03R Datasheet
63Kb / 6P
Power MOSFET 23 Amps, 25 Volts N?묬hannel D2PAK
August, 2005 ??Rev. 2
NTP75N03-06 ONSEMI-NTP75N03-06 Datasheet
60Kb / 8P
Power MOSFET 75 Amps, 30 Volts N?묬hannel TO??20 and D2PAK
December, 2003 ??Rev. 4
NTB30N20 ONSEMI-NTB30N20 Datasheet
85Kb / 8P
Power MOSFET 30 Amps, 200 Volts N?묬hannel Enhancement?묺ode D2PAK
April, 2004 ??Rev. 3
MTB30P06V ONSEMI-MTB30P06V Datasheet
87Kb / 8P
Power MOSFET 30 Amps, 60 Volts P?묬hannel D2PAK
July, 2006 ??Rev.4
NTP60N06L ONSEMI-NTP60N06L Datasheet
94Kb / 8P
Power MOSFET 60 Amps, 60 Volts, Logic Level N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 3
NTB85N03T4G ONSEMI-NTB85N03T4G Datasheet
83Kb / 7P
Power MOSFET 85 Amps, 28 Volts N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
NTP45N06LG ONSEMI-NTP45N06LG Datasheet
86Kb / 8P
Power MOSFET 45 Amps, 60 Volts Logic Level, N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 2
NTB75N03RG ONSEMI-NTB75N03RG Datasheet
96Kb / 8P
Power MOSFET 75 Amps, 25 Volts N?묬hannel D2PAK, TO??20
June, 2006 ??Rev. 4
NTB45N06G ONSEMI-NTB45N06G Datasheet
86Kb / 7P
Power MOSFET 45 Amps, 60 Volts N?묬hannel TO??20 and D2PAK
August, 2005 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com