Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP4302 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NTP4302
Description  Power MOSFET 74 Amps, 30 Volts N?묬hannel TO??20 & D2PAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP4302 Datasheet(HTML) 2 Page - ON Semiconductor

  NTP4302 Datasheet HTML 1Page - ON Semiconductor NTP4302 Datasheet HTML 2Page - ON Semiconductor NTP4302 Datasheet HTML 3Page - ON Semiconductor NTP4302 Datasheet HTML 4Page - ON Semiconductor NTP4302 Datasheet HTML 5Page - ON Semiconductor NTP4302 Datasheet HTML 6Page - ON Semiconductor NTP4302 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
NTP4302, NTB4302
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage (Note 3)
(VGS = 0 Vdc, ID = 250 mAdc)
Temperature Coefficient (Positive)
V(BR)DSS
30
−
−
25
−
−
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 30 Vdc, VGS = 0 Vdc)
(VDS = 30 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
−
−
−
−
1.0
10
mAdc
Gate−Body Leakage Current (VGS = ± 20 Vdc, VDS = 0 Vdc)
IGSS
−
−
±100
nAdc
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage (Note 3)
(VDS = VGS, ID = 250 mAdc)
Threshold Temperature Coefficient (Negative)
VGS(th)
1.0
−
1.9
−3.8
3.0
−
Vdc
mV/
°C
Static Drain−to−Source On−Resistance (Note 3)
(VGS = 10 Vdc, ID = 37 Adc)
(VGS = 10 Vdc, ID = 20 Adc)
(VGS = 4.5 Vdc, ID = 10 Adc)
RDS(on)
−
6.8
6.8
9.5
9.3
9.3
12.5
m
W
Forward Transconductance (Note 3) (VDS = 10 Vdc, ID = 20 Adc)
gFS
−
40
−
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 24 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
−
2050
2400
pF
Output Capacitance
Coss
−
640
800
Transfer Capacitance
Crss
−
225
310
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
(VDD = 24 Vdc, ID = 20 Adc,
VGS = 10 Vdc, RG = 2.5 W) (Note 3)
td(on)
−
10
18
ns
Rise Time
tr
−
22
35
Turn−Off Delay Time
td(off)
−
45
75
Fall Time
tf
−
35
70
Turn−On Delay Time
(VDD = 24 Vdc, ID = 10 Adc,
VGS = 4.5 Vdc, RG = 2.5 W) (Note 3)
td(on)
−
18
−
ns
Rise Time
tr
−
70
−
Turn−Off Delay Time
td(off)
−
32
−
Fall Time
tf
−
30
−
Gate Charge
(VDS = 24 Vdc, ID = 37 Adc,
VGS = 4.5 Vdc) (Note 3)
QT
−
28
−
nC
Qgs
−
7.5
−
Qgd
−
19
−
SOURCE−DRAIN DIODE CHARACTERISTICS
Forward On−Voltage
(IS = 20 Adc, VGS = 0 Vdc) (Note 3)
(IS = 20 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
−
−
0.90
0.75
1.3
−
Vdc
Reverse Recovery Time
(IS = 20 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/ms) (Note 3)
trr
−
37
−
ns
ta
−
21
−
tb
−
16
−
Reverse Recovery Stored Charge
QRR
−
0.035
−
mC
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com