Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTP4302 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NTP4302
Description  Power MOSFET 74 Amps, 30 Volts N?묬hannel TO??20 & D2PAK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTP4302 Datasheet(HTML) 4 Page - ON Semiconductor

  NTP4302 Datasheet HTML 1Page - ON Semiconductor NTP4302 Datasheet HTML 2Page - ON Semiconductor NTP4302 Datasheet HTML 3Page - ON Semiconductor NTP4302 Datasheet HTML 4Page - ON Semiconductor NTP4302 Datasheet HTML 5Page - ON Semiconductor NTP4302 Datasheet HTML 6Page - ON Semiconductor NTP4302 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NTP4302, NTB4302
http://onsemi.com
4
1000
100
10
1
0
100
400
600
700
800
2
4
1
3
0
5
10
10
3000
0
0
Qg, TOTAL GATE CHARGE (nC)
Figure 7. Capacitance Variation
Figure 8. Gate−to−Source and
Drain−to−Source Voltage versus Total Charge
1
1000
10
100
1
100
Figure 9. Resistive Switching Time Variations
versus Gate Resistance
RG, GATE RESISTANCE (W)
Figure 10. Diode Forward Voltage versus Current
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
TJ, STARTING JUNCTION TEMPERATURE (°C)
0.1
10
1
100
010
30
0.5
0.7
0.6
0.8
15
5
10
0
25
25
125
100
75
50
150
GATE−TO−SOURCE OR DRAIN−TO−SOURCE (VOLTS)
1000
2000
4000
6000
30
20
20
0.9
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
VGS
ID = 37 A
TJ = 25°C
VGS
VGS = 0 V
VDS = 0 V
TJ = 25°C
Crss
Ciss
Coss
Crss
Ciss
VGS = 20 V
SINGLE PULSE
TC = 25°C
VDD = 24 V
ID = 20 A
VGS = 10 V
VGS = 0 V
TJ = 25°C
ID = 17 A
10 ms
1 ms
100
ms
10
ms
dc
tf
td(off)
td(on)
tr
VDS
Q2
Q1
QT
1
10
5000
VDS
20
Mounted on 2
″ sq. FR4 board (1″ sq. 2 oz. Cu 0.06″
thick single sided) with one die operating, 10 s max.
200
300
500
30
24
18
12
6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com