Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 17 Page - Texas Instruments

Part # LM49150TLEVAL
Description  Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM49150TLEVAL Datasheet HTML 13Page - Texas Instruments LM49150TLEVAL Datasheet HTML 14Page - Texas Instruments LM49150TLEVAL Datasheet HTML 15Page - Texas Instruments LM49150TLEVAL Datasheet HTML 16Page - Texas Instruments LM49150TLEVAL Datasheet HTML 17Page - Texas Instruments LM49150TLEVAL Datasheet HTML 18Page - Texas Instruments LM49150TLEVAL Datasheet HTML 19Page - Texas Instruments LM49150TLEVAL Datasheet HTML 20Page - Texas Instruments LM49150TLEVAL Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
START
MSB
DEVICE ADDRESS
LSB
ACK
SCL
SDA
STOP
MSB
REGISTER DATA
LSB
ACK
R/W
SDA
SCL
S
P
START condition
STO
P condition
LM49150, LM49150TLEVAL
www.ti.com
SNAS439B – AUGUST 2008 – REVISED MARCH 2009
Figure 38. Start and Stop Diagram
Figure 39. Start and Stop Diagram
Table 2. Chip Address
B7
B6
B5
B4
B3
B2
B1
B0 (R/W)
Chip Address
1
1
1
1
1
0
0
0
Table 3. Control Registers
B7
B6
B5
B4
B3
B2
B1
B0
Shutdown Control
0
0
Spread
GAMP_SD
0
I2CVDD_SD
Turn_On _Time
PWR_On
Spectrum
Output Mode Control
0
1
EP Bypass
HPR_SD
MC3
MC2
MC1
MC0
(HP L&R)
(HP Mono)
(LS L&R)
(LS Mono)
Output Gain Control
1
0
0
INPUT_MUTE
LS_GAIN
HP_GAIN2
HP_GAIN1
HP_GAIN0
Mono Input Volume
1
0
1
MG4
MG3
MG2
MG1
MG0
Control
Left Input Volume
1
1
0
LG4
LG3
LG2
LG1
LG0
Control
Right Input Volume
1
1
1
RG4
RG3
RG2
RG1
RG0
Control
Table 4. Shutdown Control Register
Bit
Name
Value
Description
0
Spread Spectrum Disabled
B5
Spread Spectrum
1
Spread Spectrum Enabled
0
Normal Operation
B4
GAMP_SD
Disables the gain amplifiers that are not in use, to minimize IDD.
1
Recommended for Output Modes 1, 2, 4, 5, 8, 10
B3
0
I2CVDD acts as an active low RESET input. If I
2CV
DD drops below 1.1V,
0
the device resets and the I2C registers are restored to their default
B2
I2CVDD_SD
state.
1
Normal Operation. I2CVDD voltage does not reset the device.
0
Normal Turn-On Time (27ms)
B1
Turn_On_Time
1
Fast Turn-On Time (15ms)
0
Device Disabled
B0
PWR_On
1
Device Enabled
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com