Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 2 Page - Texas Instruments

Part # LM49150TLEVAL
Description  Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 2 Page - Texas Instruments

  LM49150TLEVAL Datasheet HTML 1Page - Texas Instruments LM49150TLEVAL Datasheet HTML 2Page - Texas Instruments LM49150TLEVAL Datasheet HTML 3Page - Texas Instruments LM49150TLEVAL Datasheet HTML 4Page - Texas Instruments LM49150TLEVAL Datasheet HTML 5Page - Texas Instruments LM49150TLEVAL Datasheet HTML 6Page - Texas Instruments LM49150TLEVAL Datasheet HTML 7Page - Texas Instruments LM49150TLEVAL Datasheet HTML 8Page - Texas Instruments LM49150TLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Volume
Class D
Volume
INM+
Volume
1 PF
1 PF
0.22 PF
0.22 PF
SDA
SCL
+ 6
+12 dB
Speaker
LSOUT+
8
+
+
+
+
- 6 dB
+
-
GND
Bias
Cs6
Bypass
CIN4
CIN3
CIN2
CIN1
INR
INL
I
2
CVDD
I
2
C
Interface
Mixer
and
Output
Mode
Select
2.2 PF
+
1 PF
Cs7
VDD
80 ~ + 18 dB
-
80 ~ + 18 dB
-
80 ~ + 18 dB
-
BYPASS
INM-
LSOUT-
2.2 PF
0.1 PF
Cs2
Cs1
LSVDD
LDO
HPR
HPL
Cs5
Charge Pump
C1
CPP
CPN
CPGND
VO (LDO)
2.2 PF
2.2 PF
Headphone
-18 dB - 0 dB
(8 steps)
+
2.2 PF
0.1 PF
Cs3
Cs4
CPVss
Headphone
-18 dB - 0 dB
(8 steps)
Amp
LM49150, LM49150TLEVAL
SNAS439B – AUGUST 2008 – REVISED MARCH 2009
www.ti.com
Table 1. Key Specifications
VALUE
UNIT
Output power at VDD = 5V:
Speaker:
RL = 8Ω BTL, THD+N ≤ 1%
1.25
W (typ)
Headphone:
RL = 32Ω SE, THD+N ≤ 1%
42
mW (typ)
Earpiece:
RL = 8Ω SE, THD+N ≤ 1%
135
mW (typ)
Output power at VDD = 3.3V:
Speaker:
RL = 8Ω BTL, THD+N ≤ 1%
520
mW (typ)
Headphone:
RL = 32Ω BTL, THD+N ≤ 1%
42
mW (typ)
Earpiece:
RL = 8Ω SE, THD+N ≤ 1%
35
mW (typ)
Output Offset
LS Mode
9
mV (typ)
HP Mode
1
mV (typ)
Earpiece
1
mV (typ)
Single Supply Operation (VDD)
2.7 to 5.5
V
I2C Single Supply Operation
1.7 to 5.5
V
Typical Application
Figure 1. Typical Audio Amplifier Application Circuit-Output Capacitor-less
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com