Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 18 Page - Texas Instruments

Part # LM49150TLEVAL
Description  Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 18 Page - Texas Instruments

Back Button LM49150TLEVAL Datasheet HTML 14Page - Texas Instruments LM49150TLEVAL Datasheet HTML 15Page - Texas Instruments LM49150TLEVAL Datasheet HTML 16Page - Texas Instruments LM49150TLEVAL Datasheet HTML 17Page - Texas Instruments LM49150TLEVAL Datasheet HTML 18Page - Texas Instruments LM49150TLEVAL Datasheet HTML 19Page - Texas Instruments LM49150TLEVAL Datasheet HTML 20Page - Texas Instruments LM49150TLEVAL Datasheet HTML 21Page - Texas Instruments LM49150TLEVAL Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
LM49150, LM49150TLEVAL
SNAS439B – AUGUST 2008 – REVISED MARCH 2009
www.ti.com
Table 5. Output Mode Control Register
Bit
Name
Value
Description
0
Normal Output Mode Operation
B5
EP Bypass
Speaker and Headphone amplifier goes into shutdown mode and
1
enables Receiver Bypass path
0
Normal Operation
B4
HPR_SD
1
Disables Right Headphone Output
Table 6. Output Mode Selection (See(1))
Output
Mode
MC3
MC2
MC1
MC0
LS Output
HP R Output
HP L Output
Number
0
0
0
0
0
SD
SD
SD
1
0
0
0
1
GP x M
SD
SD
2
0
0
1
0
2 x (GL x L + GR x R)
SD
SD
2 x (GL x L + GR x R)
3
0
0
1
1
SD
SD
+ GP x M
4
0
1
0
0
SD
GP x M/2
GP x M/2
5
0
1
0
1
GP x M
GP x M/2
GP x M/2
6
0
1
1
0
2 x (GL x L + GR x R)
GP x M/2
GP x M/2
2 x (GL x L + GR x R)
7
0
1
1
1
GP x M/2
GP x M/2
+ GP x M
8
1
0
0
0
SD
GR x R
GL x L
9
1
0
0
1
GP x M
GR x R
GL x L
10
1
0
1
0
2 x (GL x L + GR x R)
GR x R
GL x L
2 x (GL x L + GR x R)
11
1
0
1
1
GR x R
GL x L
+ GP x M
12
1
1
0
0
SD
GR x R + GP x M/2
GL x L + GP x M/2
13
1
1
0
1
GP x M
GR x R + GP x M/2
GL x L + GP x M/2
14
1
1
1
0
2 x (GL x L + GR x R)
GR x R + GP x M/2
GL x L + GP x M/2
2 x (GL x L + GR x R)
GR x R + GP x M/2
GL x L + GP x M/2
15
1
1
1
1
+ GP x M
(1)
MC3: HP Select L and R In
MC2: HP Select Mono In
MC1: Loud Speaker Select L and R In
MC0: Loud Speaker Select Mono In
M : Phone In (Mono)
R: Right In
L: Left In
SD: Shutdown
GP: Phone In (Mono) Volume Control Gain
GR: Right Stereo Volume Control Gain
GL: Left Stereo Volume Control Gain
MC1
MC0
LSOUT
0
0
SD
0
1
M
1
0
L+R
1
1
M+L+R
MC3
MC2
HPR Output
HPL Output
0
0
SD
SD
0
1
M
M
1
0
L
R
1
1
M+L
M+R
18
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com