Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 12 Page - Texas Instruments

Part # LM49150TLEVAL
Description  Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM49150TLEVAL Datasheet HTML 8Page - Texas Instruments LM49150TLEVAL Datasheet HTML 9Page - Texas Instruments LM49150TLEVAL Datasheet HTML 10Page - Texas Instruments LM49150TLEVAL Datasheet HTML 11Page - Texas Instruments LM49150TLEVAL Datasheet HTML 12Page - Texas Instruments LM49150TLEVAL Datasheet HTML 13Page - Texas Instruments LM49150TLEVAL Datasheet HTML 14Page - Texas Instruments LM49150TLEVAL Datasheet HTML 15Page - Texas Instruments LM49150TLEVAL Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
-90
-85
-80
-75
-70
-65
-60
-55
-50
10
100
1k
10k
100k
FREQUENCY (Hz)
-70
-65
-60
-55
-50
10
100
1k
10k
100k
FREQUENCY (Hz)
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
0.001
100
0.01
0.1
1
10
1m
100m
10m
OUTPUT POWER (W)
0.01
100
0.1
1
10
1m
1
10m
100m
OUTPUT POWER (W)
VDD = 3.3V
VDD = 3.6V
VDD = 5V
LM49150, LM49150TLEVAL
SNAS439B – AUGUST 2008 – REVISED MARCH 2009
www.ti.com
Typical Performance Characteristics (continued)
THD+N vs Output Power
THD+N vs Output Power
VDD = 5V, RL = 32Ω, f = 1kHz
RL = 8Ω, f = 1kHz
Headphone Mode 8
Earpiece Bypass Mode
Figure 15.
Figure 16.
CMRR vs Frequency
CMRR vs Frequency
VDD = 3.3V, VCM = 1VP-P RL = 8Ω
VDD = 3.3V, VCM = 1VP-P RL = 32Ω
Loudspeaker Mode 1
Headphone Mode 4
Figure 17.
Figure 18.
CMRR vs Frequency
Crosstalk vs Frequency
VDD = 3.3V, VCM = 1VP-P RL = 8Ω
VDD = 3.3V, VCM = 1VP-P RL = 32Ω
Earpiece Bypass Mode
Headphone Mode 8
Figure 19.
Figure 20.
12
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com