Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM49150TLEVAL Datasheet(PDF) 10 Page - Texas Instruments

Part # LM49150TLEVAL
Description  Mono Class D Audio Subsystem with Earpiece Driver and Stereo Ground Referenced Headphone Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM49150TLEVAL Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM49150TLEVAL Datasheet HTML 6Page - Texas Instruments LM49150TLEVAL Datasheet HTML 7Page - Texas Instruments LM49150TLEVAL Datasheet HTML 8Page - Texas Instruments LM49150TLEVAL Datasheet HTML 9Page - Texas Instruments LM49150TLEVAL Datasheet HTML 10Page - Texas Instruments LM49150TLEVAL Datasheet HTML 11Page - Texas Instruments LM49150TLEVAL Datasheet HTML 12Page - Texas Instruments LM49150TLEVAL Datasheet HTML 13Page - Texas Instruments LM49150TLEVAL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
0.001
1
0.01
0.1
20
20k
100
1k
10k
FREQUENCY (Hz)
0.001
1
0.01
0.1
20
20k
100
1k
10k
FREQUENCY (Hz)
0.001
1
0.01
0.1
20
20k
100
1k
10k
FREQUENCY (Hz)
0.001
1
0.01
0.1
20
20k
100
1k
10k
FREQUENCY (Hz)
0.001
1
0.01
0.1
20
20k
100
1k
10k
FREQUENCY (Hz)
0.001
1
0.01
0.1
20
20k
100
1k
10k
FREQUENCY (Hz)
LM49150, LM49150TLEVAL
SNAS439B – AUGUST 2008 – REVISED MARCH 2009
www.ti.com
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
VDD = 3.3V, RL = 8Ω, POUT = 250mW
VDD = 3.6V, RL = 8Ω, POUT = 300mW
Speaker Mode 1
Speaker Mode 1
Figure 3.
Figure 4.
THD+N vs Frecuency
THD+N vs Frequency
VDD = 5V, RL = 8Ω, POUT = 600mW
VDD = 3.3V, RL = 32Ω, POUT = 20mW
Speaker Mode 1
Headphone Mode 8
Figure 5.
Figure 6.
THD+N vs Frequency
THD+N vs Frequency
VDD = 3.6V, RL = 8Ω, POUT = 20mW
VDD = 5V, RL = 32Ω, POUT = 20mW
Headphone Mode
Headphone Mode 8
Figure 7.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LM49150 LM49150TLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com