Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DP83849CVS/NOPB
Description  PHYTER DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 11Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 12Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 13Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 14Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 15Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 16Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 17Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 18Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 101 page
background image
www.national.com
14
1.7 10 Mb/s and 100 Mb/s PMD Interface
LED_CFG_A
(CRS_A/CRS_DV_A)
LED_CFG_B
(CRS_B/CRS_DV_B)
S, O, PU
1
61
LED CONFIGURATION: This strapping option determines the
mode of operation of the LED pins. Default is Mode 1. Mode 1 and
Mode 2 can be controlled via the strap option. All modes are con-
figurable via register access.
See Table 3 on page 20 for LED Mode Selection.
MDIX_EN_A (RX_ER_A)
MDIX_EN_B (RX_ER_B)
S, O, PU
2
60
MDIX ENABLE: Default is to enable MDIX. This strapping option
disables Auto-MDIX. An external pull-down will disable Auto-
MDIX mode.
ED_EN_A (RXD3_A)
ED_EN_B (RXD3_B)
S, O, PD
9
53
Energy Detect ENABLE: Default is to disable Energy Detect
mode. This strapping option enables Energy Detect mode for the
port. In Energy Detect mode, the device will initially be in a low-
power state until detecting activity on the wire. An external pull-up
will enable Energy Detect mode.
CLK2MAC_DIS (RXD2_A)
S, O, PD
8
Clock to MAC Disable: This strapping option disables (floats) the
CLK2MAC pin. Default is to enable CLK2MAC output. An external
pullup will disable (float) the CLK2MAC pin. If the system does not
require the CLK2MAC signal, the CLK2MAC output should be dis-
abled via this strap option.
Signal Name
Type
Pin #
Description
Signal Name
Type
Pin #
Description
TPTDM_A
TPTDP_A
TPTDM_B
TPTDP_B
I/O
26
27
36
35
10BASE-T or 100BASE-TX Transmit Data
In 10BASE-T or 100BASE-TX: Differential common driver trans-
mit output (PMD Output Pair). These differential outputs are auto-
matically configured to either 10BASE-T or 100BASE-TX
signaling.
In Auto-MDIX mode of operation, this pair can be used as the Re-
ceive Input pair.
These pins require 3.3V bias for operation.
TPRDM_A
TPRDP_A
TPRDM_B
TPRDP_B
I/O
23
24
39
38
10BASE-T or 100BASE-TX Receive Data
In 10BASE-T or 100BASE-TX: Differential receive input (PMD In-
put Pair). These differential inputs are automatically configured to
accept either 100BASE-TX or 10BASE-T signaling.
In Auto-MDIX mode of operation, this pair can be used as the
Transmit Output pair.
These pins require 3.3V bias for operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com