Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # DP83849CVS/NOPB
Description  PHYTER DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 40 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 36Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 37Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 38Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 39Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 40Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 41Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 42Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 43Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 101 page
background image
39
www.national.com
5.7.1.3 100MB Cable Length Estimation
The DP83849C provides a method of estimating cable
length based on electrical characteristics of the 100Mb
Link. This essentially provides an effective cable length
rather than a measurement of the physical cable length.
The cable length estimation is only available in 100Mb
mode of operation with a valid Link status. The cable
length estimation is available at the Link Diagnostics Reg-
isters -
Page 2, register 100Mb Length Detect
(LEN100_DET), address 14h.
5.7.1.4 Frequency Offset Relative to Link Partner
As part of the 100Mb clock recovery process, the DSP
implementation provides a frequency control parameter.
This value may be used to indicate the frequency offset of
the device relative to the link partner. This operation is only
available in 100Mb operation with a valid link status. The
frequency offset can be determined using the register
100Mb Frequency Offset Indication (FREQ100), address
15h, of the Link Diagnostics Registers - Page 2.
Two different versions of the Frequency Offset may be
monitored through bits [7:0] of register FREQ100 (15h).
The first is the long-term Frequency Offset. The second is
the current Frequency Control value, which includes short-
term phase adjustments and can provide information on
the amount of jitter in the system.
5.7.1.5 Cable Signal Quality Estimation
The cable signal quality estimator keeps a simple tracking
of results of the DSP and can be used to generate an
approximate Signal-to-Noise Ratio for the 100Mb receiver.
This information is available to software through the Link
Diagnostics Registers - Page 2: Variance Control
(VAR_CTRL), address 1Ah and Data (VAR_DATA),
address 1Bh.
The variance computation times (VAR_TIMER) can be
chosen from the set of {2, 4, 6, 8} ms. The 32-bit variance
sum can be read by two consecutive reads of the
VAR_DATA register. This sum can be used to compute an
SNR estimate by software using the following equation:
SNR = 10log10((37748736 * VAR_TIMER) / Variance).
5.7.2 Link Quality Monitor
The Link Quality Monitor allows a method to generate an
alarm when the DSP adaption strays from a programmable
window. This could occur due to changes in the cable
which could indicate a potential problem. Software can
program thresholds for the following DSP parameters to be
used to interrupt the system:
— Digital Equalizer C1 Coefficient (DEQ C1)
— Digital Adaptive Gain Control (DAGC)
— Digital Base-Line Wander Control (DBLW)
— Recovered Clock Long-Term Frequency Offset (FREQ)
— Recovered Clock Frequency Control (FC)
Software is expected to read initial adapted values and
then program the thresholds based on an expected valid
range. This mechanism takes advantage of the fact that
the DSP adaption should remain in a relatively small range
once a valid link has been established.
5.7.2.1 Link Quality Monitor Control and Status
Control of the Link Quality Monitor is done through the Link
Quality Monitor Register (LQMR), address 1Dh and the
Link Quality Data Register (LQDR), address 1Bh of the
Link Diagnostics Registers - Page 2. The LQMR register
includes a global enable to enable the Link Quality Monitor
function. In addition, it provides warning status from both
high and low thresholds for each of the monitored parame-
ters. Note that individual low or high parameter threshold
comparisons can be disabled by setting to the minimum or
maximum values.
To allow the Link Quality Monitor to interrupt the system,
the Interrupt must be enabled through the interrupt control
registers, MICR (11h) and MISR (12h).
5.7.2.2 Checking Current Parameter Values
Prior to setting Threshold values, it is recommended that
software check current adapted values. The thresholds
may then be set relative to the adapted values. The current
adapted values can be read using the LQDR register by
setting the Sample_Param bit [13] of LQDR, address
(1Eh).
For example, to read the DBLW current value:
1. Write 2400h to LQDR (1Eh) to set the Sample_Param
bit and set the LQ_PARAM_SEL[2:0] to 010.
2. Read LQDR (1Eh). Current DBLW value is returned
in the low 8 bits.
5.7.2.3 Threshold Control
The LQDR (1Eh) register also provides a method of pro-
gramming high and low thresholds for each of the four
parameters that can be monitored. The register imple-
ments an indirect read/write mechanism.
Writes are accomplished by writing data, address, and a
write strobe to the register. Reads are accomplished by
writing the address to the register, and reading back the
value of the selected threshold. Setting thresholds to the
maximum or minimum values will disable the threshold
comparison since values have to exceed the threshold to
generate a warning condition.
Warnings are not generated if the parameter is equal to the
threshold. By default, all thresholds are disabled by setting
to the min or max values. The following table shows the
four parameters and range of values:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com