| Electronic Components Datasheet Search |
|
DP83849CVS/NOPB Datasheet(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DP83849CVS/NOPB Datasheet(HTML) 31 Page - Texas Instruments |
|
31 / 101 page ![]() www.national.com 30 4.2.2.1 Digital Adaptive Equalization and Gain Control When transmitting data at high speeds over copper twisted pair cable, frequency dependent attenuation becomes a concern. In high-speed twisted pair signalling, the fre- quency content of the transmitted signal can vary greatly during normal operation based primarily on the random- ness of the scrambled data stream. This variation in signal attenuation caused by frequency variations must be com- pensated to ensure the integrity of the transmission. In order to ensure quality transmission when employing MLT-3 encoding, the compensation must be able to adapt to various cable lengths and cable types depending on the installed environment. The selection of long cable lengths for a given implementation, requires significant compensa- tion which will over-compensate for shorter, less attenuat- ing lengths. Conversely, the selection of short or intermediate cable lengths requiring less compensation will cause serious under-compensation for longer length cables. The compensation or equalization must be adap- tive to ensure proper conditioning of the received signal independent of the cable length. The DP83849C utilizes an extremely robust equalization scheme referred as ‘Digital Adaptive Equalization.’ The Digital Equalizer removes ISI (inter symbol interfer- ence) from the receive data stream by continuously adapt- ing to provide a filter with the inverse frequency response of the channel. Equalization is combined with an adaptive gain control stage. This enables the receive 'eye pattern' to be opened sufficiently to allow very reliable data recovery. The curves given in Figure 9 illustrate attenuation at certain frequencies for given cable lengths. This is derived from the worst case frequency vs. attenuation figures as speci- fied in the EIA/TIA Bulletin TSB-36. These curves indicate the significant variations in signal attenuation that must be compensated for by the receive adaptive equalization cir- cuit. Figure 9. EIA/TIA Attenuation vs. Frequency for 0, 50, 100, 130 & 150 meters of CAT 5 cable |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |