Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DP83849CVS/NOPB
Description  PHYTER DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DP83849CVS/NOPB Datasheet HTML 1Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 2Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 3Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 4Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 5Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 6Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 7Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 8Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 101 page
background image
© 2008 National Semiconductor Corporation
www.national.com
1
May 2008
DP83849C PHYTER® DUAL Commercial Temperature
Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
General Description
The number of applications requiring Ethernet Con-
nectivity continues to expand. Along with this
increased market demand is a change in application
requirements. Where single channel Ethernet used to
be sufficient, many applications such as wireless
remote base stations and industrial networking now
require DUAL Port functionality for redundancy or sys-
tem management.
The DP83849C is a highly reliable, feature rich device
perfectly suited for commercial or industrial applica-
tions enabling Ethernet on the factory floor. The
DP83849C features two fully independent 10/100 ports
for multi-port applications.
The DP83849C provides optimum flexibility in MPU
selection by supporting both MII and RMII interfaces.
In addition this device includes a powerful new diag-
nostics tool to ensure initial network operation and
maintenance. In addition to the TDR scheme, com-
monly used for detecting faults during installation,
NATIONAL’s innovative cable diagnostics provides for
real time continuous monitoring of the link quality. This
allows the system designer to implement a fault pre-
diction mechanism to detect and warn of changing or
deteriorating link conditions.
With the DP83849C, National Semiconductor contin-
ues to build on its Ethernet expertise and leadership
position by providing a powerful combination of fea-
tures and flexibility, easing Ethernet implementation for
the system designer.
System Diagram
PHYTER is a registered trademark of National Semiconductor Corporation
Status
10BASE-T
or
100BASE-TX
MII/RMII/SNI
25 MHz
Clock
LEDs
DP83849C
MPU/CPU
Source
Typical Application
MII/RMII/SNI
10BASE-T
or
100BASE-TX
Port A
Port B
Features
• Low-power 3.3V, 0.18µm CMOS technology
• Low power consumption <600mW Typical
• 3.3V MAC Interface
• Auto-MDIX for 10/100 Mb/s
• Energy Detection Mode
• Dynamic Integrity Utility
• Dynamic Link Quality Monitoring
• TDR based Cable Diagnostic and Cable Length Detection
• Optimized Latency for Real Time Ethernet Operation
• Reference Clock out
• RMII Rev. 1.2 Interface (configurable)
• SNI Interface (configurable)
• MII Serial Management Interface (MDC and MDIO)
• IEEE 802.3u MII
• IEEE 802.3u Auto-Negotiation and Parallel Detection
• IEEE 802.3u ENDEC, 10BASE-T transceivers and filters
• IEEE 802.3u PCS, 100BASE-TX transceivers and filters
• Integrated ANSI X3.263 compliant TP-PMD physical sub-layer
with adaptive equalization and Baseline Wander compensation
• Programmable LED support for Link, 10 /100 Mb/s Mode, Activ-
ity, Duplex and Collision Detect
• Single register access for complete PHY status
• 10/100 Mb/s packet BIST (Built in Self Test)
• 80-pin TQFP package (12mm x 12mm)
Applications
• Medical Instrumentation
• Factory Automation
• Motor & Motion Control
• Wireless Remote Base Station
• General Embedded Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com