Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83849CVS/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DP83849CVS/NOPB
Description  PHYTER DUAL Commercial Temperature Dual Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83849CVS/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button DP83849CVS/NOPB Datasheet HTML 7Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 8Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 9Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 10Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 11Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 12Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 13Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 14Page - Texas Instruments DP83849CVS/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
www.national.com
10
RX_CLK_A
RX_CLK_B
O
79
63
MII RECEIVE CLOCK: Provides the 25 MHz recovered receive
clocks for 100 Mb/s mode and 2.5 MHz for 10 Mb/s mode.
Unused in RMII mode. The device uses the X1 reference clock input
as the 50 MHz reference for both transmit and receive.
SNI RECEIVE CLOCK: Provides the 10 MHz recovered receive
clocks for 10 Mb/s SNI mode.
RX_DV_A
RX_DV_B
O
80
62
MII RECEIVE DATA VALID: Asserted high to indicate that valid data
is present on the corresponding RXD[3:0].
RMII RECEIVE DATA VALID: Asserted high to indicate that valid
data is present on the corresponding RXD[1:0]. This signal is not re-
quired in RMII mode, since CRS_DV includes the RX_DV signal, but
is provided to allow simpler recovery of the Receive data.
This pin is not used in SNI mode.
RX_ER_A
RX_ER_B
O
2
60
MII RECEIVE ERROR: Asserted high synchronously to RX_CLK to
indicate that an invalid symbol has been detected within a received
packet in 100 Mb/s mode.
RMII RECEIVE ERROR: Asserted high synchronously to X1 whenev-
er an invalid symbol is detected, and CRS_DV is asserted in 100 Mb/s
mode. This pin is also asserted on detection of a False Carrier event.
This pin is not required to be used by a MAC in RMII mode, since the
Phy is required to corrupt data on a receive error.
This pin is not used in SNI mode.
RXD[3:0]_A
RXD[3:0]_B
O
9,8,5,4
53,56,57,58
MII RECEIVE DATA: Nibble wide receive data signals driven syn-
chronously to the RX_CLK, 25 MHz for 100 Mb/s mode, 2.5 MHz for
10 Mb/s mode). RXD[3:0] signals contain valid data when RX_DV is
asserted.
RMII RECEIVE DATA: 2-bits receive data signals, RXD[1:0], driven
synchronously to the X1 clock, 50 MHz.
SNI RECEIVE DATA: Receive data signal, RXD_0, driven synchro-
nously to the RX_CLK. RXD_0 contains valid data when CRS is as-
serted. RXD[3:1] are not used in this mode.
CRS_A/CRS_DV_A
CRS_B/CRS_DV_B
O
1
61
MII CARRIER SENSE: Asserted high to indicate the receive medium
is non-idle.
RMII CARRIER SENSE/RECEIVE DATA VALID: This signal com-
bines the RMII Carrier and Receive Data Valid indications. For a de-
tailed description of this signal, see the RMII Specification.
SNI CARRIER SENSE: Asserted high to indicate the receive medium
is non-idle. It is used to frame valid receive data on the RXD_0 signal.
COL_A
COL_B
O
3
59
MII COLLISION DETECT: Asserted high to indicate detection of a
collision condition (simultaneous transmit and receive activity) in 10
Mb/s and 100 Mb/s Half Duplex Modes.
While in 10BASE-T Half Duplex mode with heartbeat enabled this pin
is also asserted for a duration of approximately 1
µs at the end of
transmission to indicate heartbeat (SQE test).
In Full Duplex Mode, for 10 Mb/s or 100 Mb/s operation, this signal is
always logic 0. There is no heartbeat function during 10 Mb/s full du-
plex operation.
RMII COLLISION DETECT: Per the RMII Specification, no COL sig-
nal is required. The MAC will recover CRS from the CRS_DV signal
and use that along with its TX_EN signal to determine collision.
SNI COLLISION DETECT: Asserted high to indicate detection of a
collision condition (simultaneous transmit and receive activity) in 10
Mb/s SNI mode.
Signal Name
Type
Pin #
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com