Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDD Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # VDD
Description  Low Power Spread Spectrum Frequency Multiplier SSCG-GP Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

VDD Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  VDD Datasheet HTML 1Page - Pericom Semiconductor Corporation VDD Datasheet HTML 2Page - Pericom Semiconductor Corporation VDD Datasheet HTML 3Page - Pericom Semiconductor Corporation VDD Datasheet HTML 4Page - Pericom Semiconductor Corporation VDD Datasheet HTML 5Page - Pericom Semiconductor Corporation VDD Datasheet HTML 6Page - Pericom Semiconductor Corporation VDD Datasheet HTML 7Page - Pericom Semiconductor Corporation VDD Datasheet HTML 8Page - Pericom Semiconductor Corporation VDD Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
PI6C3622-1
Low Power Spread Spectrum Frequency Multiplier
SSCG-GP Family
PS8944A
01/30/08
Supply Voltage to Ground................................................................... 5.5V
All Inputs and Outputs ...............................................–0.5V to VDD+0.5V
Storage Temperature ............................................................–65 to +150°C
Junction Temperature........................................................................150°C
Soldering Temperature......................................................................260°C
Note:
Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended period may affect reliability.
Maximum Ratings
DC Characteristics
VDD = 2.5V ±5%, Ambient Temperature 0 to +70°C
Symbol
Parameter
Conditions
Min.
Typ.
Max
Unit
VDD
Operating voltage
2.375
2.5
2.625
V
VIH
Input high voltage
2.0
–
–
V
VIL
Input low voltage
–
–
0.8
V
VOH
Output high voltage
IOH=-8mA
1.8
–
–
V
VOL
Output low voltage
IOL= 8mA
–
–
0.6
V
IDD
Supply current
27MHz input and no
load
–
–
3.6
mA
ZOUT_DOWN
Nominal output impedance
Down side buffer
–
50
–
Ω
ZOUT_UP
Nominal output impedance
Up side buffer
–
50
–
Ω
CIN
Input capacitance
X1 input pin
–
5
–
pF
Electrical Specification
AC Characteristics
VDD = 2.5V ±5%, Ambient Temperature 0 to +70°C , Fin=27MHz
Symbol
Parameter
Conditions
Min.
Typ.
Max
Unit
CLKIN
Input Frequency
20 MHz≤ Fin ≤40 MHz
20
27
40
MHz
CLKOUT
Output Frequency (1X)
20 MHz≤ Fin ≤40 MHz
20
27
40
MHz
SRatio
Spreading Ratio (SSON=1)
(S1,S0)=(0,1)
±0.30
%
(S1,S0)=(1,0)
±0.50
(S1,S0)=(1,1)
±0.70
SRatio
Spreading ratio (SSON=0)
(S1,S0)=(0/1, 0/1)
0
%
tRise
Output rise time
Measured from 20% to
80% VDD, 15pF load.
–
2.1
–
ns
tFall
Output fall time
Measured from 80% to
20% VDD, 15pF load
–
1.9
–
ns
tJ_Short
Short term cycle to cycle
jitter
–
200
300
ps
TSSON
Spreading on/off settle time
30
μs
TDCIN
Input duty cycle
40
50
60
%
TDCOUT
Output duty cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com