Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDD Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # VDD
Description  Low Power Spread Spectrum Frequency Multiplier SSCG-GP Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

VDD Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  VDD Datasheet HTML 1Page - Pericom Semiconductor Corporation VDD Datasheet HTML 2Page - Pericom Semiconductor Corporation VDD Datasheet HTML 3Page - Pericom Semiconductor Corporation VDD Datasheet HTML 4Page - Pericom Semiconductor Corporation VDD Datasheet HTML 5Page - Pericom Semiconductor Corporation VDD Datasheet HTML 6Page - Pericom Semiconductor Corporation VDD Datasheet HTML 7Page - Pericom Semiconductor Corporation VDD Datasheet HTML 8Page - Pericom Semiconductor Corporation VDD Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
PI6C3622-1
Low Power Spread Spectrum Frequency Multiplier
SSCG-GP Family
PS8944A
01/30/08
Application Information
Decoupling Capacitor
Two decoupling capacitors of 0.1uF and 1nF must be connected in parallel between VDD and GND. To opti-
mize device performance and to lower output noise, the coupling capacitors should be placed on the compo-
nent side of the board as close to these pins as possible. There should be no vias placed between the decou-
pling capacitors and VDD pin. The PCB trace to VDD pin should be as short as possible, and no vias should
be placed between VDD and the capacitors in the decoupling circuit.
VDD
Strapping to high
S0,S1,
SSON
VDD
0.1uF 1nF
VDD
Strapping to low
S0,S1,
SSON
0.1uF 1nF
Crystal Load Capacitor
If a crystal is used with the device, two external trim capacitors, CLtrim, are used to adjust the effective capac-
itance to match the required crystal load capacitance. The CLtrim value can be derived from formula CLtrim =
2*CL – (Cs + Ci). The typical CLtrim = 28pF when crystal load = 18pF, stray capacitance Cs = 3pF and XTAL
pins capacitance = 5pF.
X1
Crystal
C
Ltrim
C
Ltrim
X2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com