Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDD Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # VDD
Description  Low Power Spread Spectrum Frequency Multiplier SSCG-GP Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

VDD Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  VDD Datasheet HTML 1Page - Pericom Semiconductor Corporation VDD Datasheet HTML 2Page - Pericom Semiconductor Corporation VDD Datasheet HTML 3Page - Pericom Semiconductor Corporation VDD Datasheet HTML 4Page - Pericom Semiconductor Corporation VDD Datasheet HTML 5Page - Pericom Semiconductor Corporation VDD Datasheet HTML 6Page - Pericom Semiconductor Corporation VDD Datasheet HTML 7Page - Pericom Semiconductor Corporation VDD Datasheet HTML 8Page - Pericom Semiconductor Corporation VDD Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PI6C3622-1
Low Power Spread Spectrum Frequency Multiplier
SSCG-GP Family
PS8944A
01/30/08
Pin Description
Pin Name
Pin No.
IO Type
Description
X1/CLKIN
1
I
Crystal connection or reference frequency input. This pin
has multiple functions. It can be connected either to an
external crystal or an external reference clock.
GND
2
GND
Ground.
S1
3
I
Spreading Ratio Selection (0, 1); Default = 1; Internal
60K Ω pull–up included.
SSON
4
I
This pin enables/disables the Spread Spectrum feature;
Default= 1 (enabled); Internal 60KΩ pull-up included
CLKOUT
5
O
Spread spectrum clock output.
S0
6
I
Frequecy Range Selection (0, 1); Default = 0; Internal
60K Ω pull-DOWN included
VDD
7
PWR
Power Supply
X2
8
O
Crystal connection. If using an external reference, this pin
must be left unconnected.
Note: All pins must be properly set before the system is initialized, except the SSON pin, which can be set at run-time.
Spreading Ratio Configuration
VDD = 2.5V ±5% / 3.3V ±10%, Ambient Temperature 25°C
Fin (MHz) S1,S0 = (0,0)
SSON=1
S1,S0 = (0,1)
SSON=1
S1,S0 = (1,0)
SSON=1
S1,S0 = (1,1)
SSON=1
S1,S0 = 0/1
SSON=0
Modulation
Rate (KHz)
Reserved
Center (%)
Center (%)
Center
No Spread
31.25~62.5
20
-
±0.35
±0.55
±0.80
0
Fin /640
24
-
±0.30
±0.50
±0.70
0
Fin /640
27
-
±0.30
±0.50
±0.70
0
Fin /640
32
-
±0.25
±0.40
±0.60
0
Fin /640
36
-
±0.20
±0.35
±0.55
0
Fin /640
40
-
±0.20
±0.35
±0.50
0
Fin /640



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com