Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDD Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # VDD
Description  Low Power Spread Spectrum Frequency Multiplier SSCG-GP Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

VDD Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  VDD Datasheet HTML 1Page - Pericom Semiconductor Corporation VDD Datasheet HTML 2Page - Pericom Semiconductor Corporation VDD Datasheet HTML 3Page - Pericom Semiconductor Corporation VDD Datasheet HTML 4Page - Pericom Semiconductor Corporation VDD Datasheet HTML 5Page - Pericom Semiconductor Corporation VDD Datasheet HTML 6Page - Pericom Semiconductor Corporation VDD Datasheet HTML 7Page - Pericom Semiconductor Corporation VDD Datasheet HTML 8Page - Pericom Semiconductor Corporation VDD Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
PS8944A
01/30/08
Block Diagram
PI6C3622-1
Low Power Spread Spectrum Frequency Multiplier
SSCG-GP Family
Features
• 20 to 40MHz input frequency range
• 1x frequency multiplication
• Operating voltages of 2.5 V or 3.3V
• Selectable Spreading Ratio: ±0.30%, ±0.50%, ±0.70% and 0%
typical at 27MHz input
• Modulation Rate: Fin /640(20 MHz≤ Fin ≤40 MHz)
• Spread Spectrum feature can be enabled/disabled at run-time
and glitch-free
• Low power dissipation
• Low jitter
• 8-pin TSSOP Package
Applications
The PI6C3622-1 can be used in most multimedia applications
and embedded systems including but not limited to the
following:
PDAs
DSCs
Printers/ MFPs
Media players
Portable-TVs
Embedded digital video devices
CD-ROM, VCD and DVD players
LCD Panel Modules
Automotive components
Networking devices
Description
The PI6C3622-1 is a Low Power Spread Spectrum Frequency
Multiplier and part of the Pericom SSCG-GP family. The part
generates one 1x modulated output from a single clock source or
a crystal, and is designed to reduce electromagnetic interference
(EMI) by spreading the clock. This reduction in EMI can result
in significant system cost saving and less design complexity
by reducing the number of circuit board layers ferrite beads
and shielding. In the absence of a spread spectrum clock, other
EMI-reducing components are required in order to comply with
regulatory agency requirements.
The Spreading Ratio is selectable using the selection pins. The
PI6C3622-1 provides ±0.30%, ±0.50%, ±0.70% diversified and
0% spread modulation through external logic stage setting. The
Spread Spectrum feature can be enabled and disabled at run-
time by setting the SSON pin. Other pins should be properly set
before the system is initialized.
The chip is packaged in the 8-pin TSSOP. The reduced size of
the package outlines can save precious board space and make
layout easier.
PI6C3622-1 is one of the clock products provided by Pericom.
If your application needs a clock product with a different
specification not currently provided, please contact us for further
information or custom design.
Pin Configuration
S1
S0
SSON
X’TAL
OSC
1/M
PFD
/CP
LPF
VCO
CLKOUT
1/K
Modulation
1/N
X1/CLKIN
X2
Benefits
Reduction in EMI
System cost saving
Reduced system complexity
Faster time to market
VDD
GND
CLKOUT
X1
/CLKIN
8 Pin
TSSOP
S1
SSON
X2
S0


Similar Part No. - VDD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VDD ETC2-VDD Datasheet
1Mb / 22P
CMOS
logo
AnaSem Hong Kong Limite...
VDD ANASEM-VDD Datasheet
1Mb / 20P
Low voltage, Low power, 짹1% High detect accuracy CMOS Voltage Detector with Delay circuit
Rev. E13-01
logo
List of Unclassifed Man...
VDD081LCNA ETC2-VDD081LCNA Datasheet
1Mb / 22P
CMOS
VDD081LCTA ETC2-VDD081LCTA Datasheet
1Mb / 22P
CMOS
VDD081LNNA ETC2-VDD081LNNA Datasheet
1Mb / 22P
CMOS
More results

Similar Description - VDD

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL701-01 PLL-PLL701-01 Datasheet
220Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
PLL701-13 PLL-PLL701-13 Datasheet
194Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
logo
Abracon Corporation
ABE0126 ABRACON-ABE0126 Datasheet
45Kb / 4P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
logo
SpectraLinear Inc
SL15100 SPECTRALINEAR-SL15100 Datasheet
191Kb / 16P
Prigrammable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
Programmable Spread Spectrum Clock Generator (SSCG)
logo
Pericom Semiconductor C...
PI6C3503 PERICOM-PI6C3503 Datasheet
408Kb / 10P
Low Power Spread Spectrum Frequency Multiplier
logo
Maxim Integrated Produc...
DS1080L MAXIM-DS1080L Datasheet
157Kb / 8P
Spread-Spectrum Crystal Multiplier
Rev 2; 10/09
logo
SpectraLinear Inc
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
Programmable Spread Spectrum Clock Generator (SSCG)
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
Programmable Spread Spectrum Clock Generator (SSCG)
logo
Abracon Corporation
ABE0131 ABRACON-ABE0131 Datasheet
58Kb / 5P
Low EMI Spread Spectrum Multiplier Clock
03/21/05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com