Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VDD Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # VDD
Description  Low Power Spread Spectrum Frequency Multiplier SSCG-GP Family
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

VDD Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  VDD Datasheet HTML 1Page - Pericom Semiconductor Corporation VDD Datasheet HTML 2Page - Pericom Semiconductor Corporation VDD Datasheet HTML 3Page - Pericom Semiconductor Corporation VDD Datasheet HTML 4Page - Pericom Semiconductor Corporation VDD Datasheet HTML 5Page - Pericom Semiconductor Corporation VDD Datasheet HTML 6Page - Pericom Semiconductor Corporation VDD Datasheet HTML 7Page - Pericom Semiconductor Corporation VDD Datasheet HTML 8Page - Pericom Semiconductor Corporation VDD Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
PI6C3622-1
Low Power Spread Spectrum Frequency Multiplier
SSCG-GP Family
PS8944A
01/30/08
DC Characteristics
VDD = 3.3V ±10%, Ambient Temperature 0 to +70°C
Symbol
Parameter
Conditions
Min.
Typ.
Max
Unit
VDD
Operating voltage
3.0
3.3
3.6
V
VIH
Input high voltage
2.0
–
–
V
VIL
Input low voltage
–
–
0.8
V
VOH
Output high voltage
IOH=-8 mA
2.5
–
–
V
VOL
Output low voltage
IOL = 8mA
–
–
0.5
V
IDD
Supply current
27MHz input and no load
–
–
5.3
mA
ZOUT_DOWN
Nominal output impedance Down side buffer
–
45
–
Ω
ZOUT_UP
Nominal output impedance Up side buffer
–
45
–
Ω
CIN
Input capacitance
X1 input pins
–
5
–
pF
AC Characteristics
VDD = 3.3V ±10%, Ambient Temperature 0 to +70°C , Fin=27MHz
Symbol
Parameter
Conditions
Min.
Typ.
Max
Unit
CLKIN
Input Frequency
20 MHz≤ Fin ≤40
MHz
20
27
40
MHz
CLKOUT
Output Frequency (1X)
20 MHz≤ Fin ≤40
MHz
20
27
40
MHz
SRatio
Spreading Ratio (SSON=1) (S1,S0)=(0,1)
±0.30
%
(S1,S0)=(1,0)
±0.50
(S1,S0)=(1,1)
±0.70
Spreading Ratio (SSON=0) (S1,S0)=(0/1, 0/1)
0
%
tRise
Output rise time
Measured from 20% to
80% VDD, 15pF load.
–
1.7
–
ns
tFall
Output fall time
Measured from 80% to
20% VDD, 15pF load
–
1.7
–
ns
tJ_Short
Short term cycle to cycle
jitter
–
180
250
ps
TSSON
Spreading on/off settle time
–
30
–
μs
TDCIN
Input duty cycle
40
50
60
%
TDCOUT
Output duty cycle
45
50
55
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com