Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFF310 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRFF310
Description  1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRFF310 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRFF310 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRFF310 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc. IRFF310 Datasheet HTML 3Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - IRFF310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFF310 INTERSIL-IRFF310 Datasheet
326Kb / 7P
1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
March 1999
logo
International Rectifier
IRFF310 IRF-IRFF310 Datasheet
129Kb / 7P
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS THRU-HOLE (TO-205AF)
logo
Seme LAB
IRFF310 SEME-LAB-IRFF310 Datasheet
16Kb / 1P
N-Channel MOSFET in a Hermetically sealed TO39
More results

Similar Description - IRFF310

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
BUZ351 INTERSIL-BUZ351 Datasheet
10Kb / 1P
11.5A, 400V, 0.400 Ohm, N-Channel Power MOSFET
October 1998
BUZ60B INTERSIL-BUZ60B Datasheet
42Kb / 5P
4.5A, 400V, 1.500 Ohm, N-Channel Power MOSFET
October 1998
BUZ76A INTERSIL-BUZ76A Datasheet
42Kb / 5P
2.6A, 400V, 2.500 Ohm, N-Channel Power MOSFET
October 1998
IRF710 INTERSIL-IRF710 Datasheet
56Kb / 7P
2.0A, 400V, 3.600 Ohm, N-Channel Power MOSFET
June 1999
IRF730 INTERSIL-IRF730 Datasheet
54Kb / 7P
5.5A, 400V, 1.000 Ohm, N-Channel Power MOSFET
July 1999
IRF740 INTERSIL-IRF740 Datasheet
56Kb / 7P
10A, 400V, 0.550 Ohm, N-Channel Power MOSFET
July 1999
IRFD310 INTERSIL-IRFD310 Datasheet
50Kb / 6P
0.4A, 400V, 3.600 Ohm, N-Channel Power MOSFET
July 1999
IRFF310 INTERSIL-IRFF310 Datasheet
326Kb / 7P
1.35A, 400V, 3.600 Ohm, N-Channel Power MOSFET
March 1999
logo
Unisonic Technologies
UF730 UTC-UF730 Datasheet
167Kb / 6P
5.5A, 400V, 1.0 OHM, N-CHANNEL POWER MOSFET
UF740 UTC-UF740 Datasheet
163Kb / 6P
10A, 400V, 0.55 OHM, N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com