Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 17Page - Texas Instruments LP3972 Datasheet HTML 18Page - Texas Instruments LP3972 Datasheet HTML 19Page - Texas Instruments LP3972 Datasheet HTML 20Page - Texas Instruments LP3972 Datasheet HTML 21Page - Texas Instruments LP3972 Datasheet HTML 22Page - Texas Instruments LP3972 Datasheet HTML 23Page - Texas Instruments LP3972 Datasheet HTML 24Page - Texas Instruments LP3972 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
DATA OUTPUT
BY TRANSMITTER
DATA OUTPUT
BY RECEIVER
SCL FROM
MASTER
START
condition
S
acknowledge
1
8
9
I
2
C - bus.
clock pulse for
acknowledgement
VCC_APPS
9ROWDJH µµ$¶¶
9ROWDJH µµ%¶¶
5 Ps TYP
start
msb Chip Address lsb
SCL
w
msb Register Add lsb
rs
r
msb
DATA
lsb
stop
SDA
start
Id = 34h
w ack
addr = 00h
ack
rs
r ack
$GGUHVV K¶00 data
ack stop
msb Chip Address lsb
Id = 34h
ack
ack
ack
ack
start
msb Chip Address lsb
w
ack
Msb Register Add lsb
ack
msb
DATA
lsb
ack
stop
SCL
SDA
start
Id = 34h
w
ack
addr = 02h
ack
ack
DGGUHVV K¶02 data
stop
LP3972
www.ti.com
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
Write Cycle
Figure 21. Write cycle
Read Cycle
When a READ function is to be accomplished, a WRITE function must precede the READ function as follows.
w = write (SDA = "0")
r = read (SDA = "1")
ack = acknowledge (SDA pulled down by either master or slave)
rs = repeated start
id = 34h (Chip Address)
Figure 22. Read Cycle
Figure 23. I2C DVM Timing for VCC_APPS (Buck1)
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com