Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 1 Page - Texas Instruments

  LP3972 Datasheet HTML 1Page - Texas Instruments LP3972 Datasheet HTML 2Page - Texas Instruments LP3972 Datasheet HTML 3Page - Texas Instruments LP3972 Datasheet HTML 4Page - Texas Instruments LP3972 Datasheet HTML 5Page - Texas Instruments LP3972 Datasheet HTML 6Page - Texas Instruments LP3972 Datasheet HTML 7Page - Texas Instruments LP3972 Datasheet HTML 8Page - Texas Instruments LP3972 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 59 page
background image
LP3972
www.ti.com
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
Power Management Unit for Advanced Application Processors
Check for Samples: LP3972
1
FEATURES
2
•
Compatible With Advanced Applications
•
Thermal Overload Protection
Processors Requiring DVM (Dynamic Voltage
•
Current Overload Protection
Management)
•
Tiny 40-Pin 5x5 mm WQFN Package
•
Three Buck Regulators for Powering High-
Current Processor Functions or I/Os
APPLICATIONS
•
Six LDOs for Powering RTC, Peripherals, and
•
PDA Phones
I/Os
•
Smart Phones
•
Backup Battery Charger With Automatic
•
Personal Media Players
Switch for Lithium-Manganese Coin Cell
•
Digital Cameras
Batteries and Super Capacitors
•
Application Processors
•
I2C Compatible High-Speed Serial Interface
–
Marvell PXA
•
Software Control of Regulator Functions and
–
Freescale
Settings
–
Samsung
•
Precision Internal Reference
DESCRIPTION
The LP3972 is a multi-function programmable Power Management Unit designed especially for advanced
application processors. The LP3972 is optimized for low-power handheld applications and provides six low-
dropout low-noise linear regulators, three DC/DC magnetic buck regulators, a back-up battery charger, and two
GPIOs. A high-speed serial interface is included to program individual regulator output voltages as well as on
and off control.
Key Specifications
•
Buck Regulators
–
Programmable VOUT from 0.725 to 3.3V
–
Up to 95% efficiency
–
Up to 1.6A output current
–
±3% output voltage accuracy
•
LDOs
–
Programmable VOUT of 1.0V–3.3V
–
±3% output voltage accuracy
–
150/300/400 mA output currents
–
LDO_RTC 30 mA
–
LDO1 300 mA
–
LDO2 150 mA
–
LDO3 150 mA
–
LDO4 150 mA
–
LDO5 400 mA
–
100 mV (typ) dropout
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3972

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3972 NSC-LP3972 Datasheet
1Mb / 59P
Power Management Unit for Advanced Application Processors
LP3972 NSC-LP3972 Datasheet
1Mb / 60P
Power Management Unit for Advanced Application Processors
logo
Texas Instruments
LP3972SQ-0514 TI1-LP3972SQ-0514 Datasheet
1Mb / 63P
Power Management Unit for Advanced Application Processors
LP3972SQ-0514/NOPB TI1-LP3972SQ-0514/NOPB Datasheet
1Mb / 63P
Power Management Unit for Advanced Application Processors
LP3972SQ-5810 TI1-LP3972SQ-5810 Datasheet
1Mb / 63P
Power Management Unit for Advanced Application Processors
More results

Similar Description - LP3972

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3970 NSC-LP3970 Datasheet
421Kb / 2P
Power Management Unit for Advanced Application Processors
LP3971 NSC-LP3971 Datasheet
1Mb / 42P
POWER MANAGEMENT UNIT FOR ADVANCED APPLICATION PROCESSORS
LP3972 NSC-LP3972 Datasheet
1Mb / 59P
Power Management Unit for Advanced Application Processors
LP3972 NSC-LP3972_08 Datasheet
1Mb / 60P
Power Management Unit for Advanced Application Processors
LP8725 NSC-LP8725 Datasheet
537Kb / 6P
Power Management Unit for Application/Multimedia Processors and Sub-Systems
logo
Texas Instruments
LP3974 TI1-LP3974 Datasheet
1Mb / 10P
PRODUCT BRIEF High Performance Power Management Unit for Application Processors
LP3971 TI1-LP3971 Datasheet
1Mb / 57P
Power Management Unit for Advanced Application Processors
LP3972 TI1-LP3972_15 Datasheet
1Mb / 63P
Power Management Unit for Advanced Application Processors
LP3971 TI1-LP3971_16 Datasheet
1Mb / 52P
Power Management Unit for Advanced Application Processors
logo
Linear Technology
LTC3676 LINER-LTC3676 Datasheet
517Kb / 38P
Power Management Solution for Application Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com