Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 3Page - Texas Instruments LP3972 Datasheet HTML 4Page - Texas Instruments LP3972 Datasheet HTML 5Page - Texas Instruments LP3972 Datasheet HTML 6Page - Texas Instruments LP3972 Datasheet HTML 7Page - Texas Instruments LP3972 Datasheet HTML 8Page - Texas Instruments LP3972 Datasheet HTML 9Page - Texas Instruments LP3972 Datasheet HTML 10Page - Texas Instruments LP3972 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 59 page
background image
LP3972
www.ti.com
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
General Electrical Characteristics
Typical values and limits appearing in normal type apply for TJ = 25°C. Limits appearing in boldface type apply over the
entire junction temperature range for operation,
−40°C to +125°C.
(1) (2) (3)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIN, VDDA, VIN Buck1, 2 and 3
Battery Voltage
2.7
3.6
5.5
V
VINLDO4, VINLDO5
Power Supply for LDO 4 and 5
1.74
3.6
VIN
V
TSD
Thermal Shutdown (4)
Temperature
160
°C
Hysteresis
20
(1)
All voltages are with respect to the potential at the GND pin.
(2)
All limits guaranteed at room temperature (standard typeface) and at temperature extremes (bold typeface). All room temperature limits
are production tested, guaranteed through statistical analysis or guaranteed by design. All limits at temperature extremes are
guaranteed via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing
Quality Level (AOQL).
(3)
No input supply should be higher then VDDA
(4)
This electrical specification is guaranteed by design.
Supply Specifications
(1) (2)
VOUT (Volts)
IMAX
Maximum Current
Supply
Range
Resolution
Current (mA)
(V)
(mV)
LDO_RTC
2.8V
N/A
30 mA dc source 10 mA backup source
LDO1 (VCC_MVT)
1.7 to 2.0
25
300
LDO2
1.8 to 3.3
100
150
LDO3
1.8 to 3.3
100
150
LDO4
1.0 to 3.3
50-600
150
LDO5 (VCC_SRAM)
0.850 to 1.5
25
400
BUCK1 (VCC_APPS)
0.725 to 1.5
25
1600
BUCK2
0.8 to 3.3
50-600
1600
BUCK3
0.8 to 3.3
50-600
1600
(1)
All voltages are with respect to the potential at the GND pin.
(2)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7) The machine
model is a 200 pF capacitor discharged directly into each pin. (EAIJ).
Default Voltage Option
(1) (2) (3)
Version
LP3972SQ-A514
LP3972SQ-A413
Enable
Version A
Version A
LDO_RTC
—
2.8
—
2.8
LDO1
SYS_EN
1.8
SYS_EN
1.8
LDO2
SYS_EN
1.8D
SYS_EN
1.8D
LDO3
SYS_EN
3D
SYS_EN
3D
LDO4
SYS_EN
3D
SYS_EN
2.8D
LDO5
PWR_EN
1.4
PWR_EN
1.4
BUCK1
PWR_EN
1.4
PWR_EN
1.4
BUCK2
SYS_EN
3.3
SYS_EN
3
BUCK3
SYS_EN
1.8
SYS_EN
1.8
Version
LP3972SQ-E514
LP3972SQ-I514
Enable
Version E
Version I
LDO_RTC
—
2.8
—
2.8
(1)
All voltages are with respect to the potential at the GND pin.
(2)
The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. (MIL-STD-883 3015.7) The machine
model is a 200 pF capacitor discharged directly into each pin. (EAIJ).
(3)
E = Regulator is ENABLED during startup. D = Regulator is DISABLED during startup.
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com