Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 9Page - Texas Instruments LP3972 Datasheet HTML 10Page - Texas Instruments LP3972 Datasheet HTML 11Page - Texas Instruments LP3972 Datasheet HTML 12Page - Texas Instruments LP3972 Datasheet HTML 13Page - Texas Instruments LP3972 Datasheet HTML 14Page - Texas Instruments LP3972 Datasheet HTML 15Page - Texas Instruments LP3972 Datasheet HTML 16Page - Texas Instruments LP3972 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 59 page
background image
4.03 Ps
4.03 Ps
4.0 Ps
1
1e1
1e2
1e3
1e4
OUTPUT CURRENT (mA)
0.00
18.00
36.00
54.00
72.00
90.00
VIN = 5.5V
VIN = 5V
4.03 Ps
LP3972
www.ti.com
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
Line Transient Response
VIN = 3, 3.5 volts VOUT = 1.4 volts Forced PWM
VIN = 3 – 3.6 V, VOUT = 1.2 V, 250 mA load
Figure 10.
Figure 11.
Mode Change
Load Transient
Load transients 20 mA to 560 mA
3.6 VIN, 3.3 VOUT, 0 – 100 mA load
VOUT = 1.4 volts [PFM to PWM] VIN = 4.1 volts
Figure 12.
Figure 13.
Startup
Startup into PWM Mode 980 mA [channel 2]
VOUT = 1.4 volts VIN = 4.1 volts
Figure 14.
Copyright © 2006–2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com