Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3972 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # LP3972
Description  Power Management Unit for Advanced Application Processors
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3972 Datasheet(HTML) 34 Page - Texas Instruments

Back Button LP3972 Datasheet HTML 30Page - Texas Instruments LP3972 Datasheet HTML 31Page - Texas Instruments LP3972 Datasheet HTML 32Page - Texas Instruments LP3972 Datasheet HTML 33Page - Texas Instruments LP3972 Datasheet HTML 34Page - Texas Instruments LP3972 Datasheet HTML 35Page - Texas Instruments LP3972 Datasheet HTML 36Page - Texas Instruments LP3972 Datasheet HTML 37Page - Texas Instruments LP3972 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 59 page
background image
LP3972
SNVS468J – SEPTEMBER 2006 – REVISED AUGUST 2011
www.ti.com
Bit
Access
Name
Description
6
R
B3_OK
Buck3 Supply Output Voltage Status
0 - (Buck3) output voltage < 90% Default value
1 - (Buck3) output voltage > 90% Default value
5
R
B2_OK
Buck2 Supply Output Voltage Status
0 - (Buck2) output voltage < 90% Default value
1 - (Buck2) output voltage > 90% Default value
4
R
LDO1_OK
LDO1 Output Voltage Status
0 - (VCC_LDO1) output voltage < 90% of selected value
1 - (VCC_LDO1) output voltage > 90% of selected value
3
—
—
Reserved
2:0
R
BCT
Binary coded thermal management flag status register
Temperature
Data Code
Ascending °C
000
40
001
60
010
80
011
100
100
120
101
140
110
160
111
Reserved
LOGIC OUTPUT ENABLE REGISTER (LOER) 8H’84
Bit
7
6(1)
5(1)
4(1)
3(1)
2(1)
1(1)
0(1)
Designation
Reserved
B3ENC
B2ENC
B1ENC
L5EC
L4EC
L3EC
L2EC
Reset Value
0
1
1
0
0
1
1
1
(1)
One time factory programmable EPROM registers for default values
LOGIC OUTPUT ENABLE REGISTER (LOER) DEFINITIONS 8H’84
Bit
Access
Name
Description
7
—
—
Reserved
6
R/W
B3ENC
Connects Buck3 enable to SYS_EN or PWR_EN Logic Control pin
0 - Buck3 enable connected to PWR_EN
1 - Buck3 enable connected to SYS_EN, Default
5
R/W
B2ENC
Connects Buck2 enable to SYS_EN or PWR_EN Logic Control pin
0 - Buck2 enable connected to PWR_EN
1 - Buck2 enable connected to SYS_EN, Default
4
R/W
B1ENC
Connects Buck1 enable to SYS_EN or PWR_EN Logic Control pin
0 - Buck1 enable connected to PWR_EN, Default
1 - Buck1 enable connected to SYS_EN
3
R/W
L5EC
Connects LDO5 enable to SYS_EN or PWR_EN Logic Control pin
0 - LDO5 enable connected to PWR_EN, Default
1 - LDO5 enable connected to SYS_EN
2
R/W
L4EC
Connects LDO4 enable to SYS_EN or PWR_EN Logic Control pin
0 - LDO4 enable connected to PWR_EN
1 - LDO4 enable connected to SYS_EN, Default
1
R/W
L3EC
Connects LDO3 enable to SYS_EN or PWR_EN Logic Control pin
0 - LDO3 enable connected to PWR_EN
1 - LDO3 enable connected to SYS_EN, Default
0
R/W
L2EC
Connects LDO2 enable to SYS_EN or PWR_EN Logic Control pin
0 - LDO2 enable connected to PWR_EN
1 - LDO2 enable connected to SYS_EN, Default
34
Submit Documentation Feedback
Copyright © 2006–2011, Texas Instruments Incorporated
Product Folder Links: LP3972



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com