Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3FZ-R66H Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3FZ-R66H
Description  Easy mounting photoelectric sensor in short M18 housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FZ-R66H Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3FZ-R66H Datasheet HTML 4Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 5Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 6Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 7Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 8Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 9Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 10Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 11Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
Standard Photoelectric Sensors
Engineering Data (typical)
Parallel Operating Range
Through-beam Models
Retroreflective Models
E3F
@-T@1H(T@6H)
E3F
@-R@1H(R@6H)
Operating Range
Diffuse reflective Models
BGS Models
E3F
@-D@2(D@7)
E3F
@-LS@1H(LS@6H), left to right
E3F
@-LS@4H(LS@9H), left to right
Excess Gain vs. Distance
Through-beam Models
Retroreflective Models
Diffuse reflective Models
E3F
@-T@1H(T@6H)
E3F
@-R@1H(R@6H)
E3F
@-D@2(D@7)
Distance X (m)
1500
-1500
40
5
10152025
30
35
0
1000
500
0
-500
-1000
Y
X
150
-150
12
3
45
6
0
100
50
0
-50
-100
E39-R1S
E39-R1
Y
X
Distance X (m)
120
100
80
60
40
20
0
-20
-40
-60
-80
-100
-120
140
-140
1.8
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
Y
X
Sensing object: 300 x 300 white paper
Distance X (m)
3
2
1
0
-1
-2
-3
4
-4
100
20
40
60
80
0
Y
X
Sensing object: 100 x 100 white paper
Distance X (mm)
Sensing object: 100 x 100 white paper
8
6
4
2
0
-2
-4
-6
-8
100
150
200
250
50
0
Distance X (mm)
Y
X
100
50
30
10
5
3
1
0.5
0.3
0.1
50
45
40
35
30
25
20
15
10
5
0
Distance (m)
Oper-
ating
level
100
50
30
10
5
3
1
0.5
0.3
0.1
6
12
3
45
0
E39-R1S
E39-R1
Distance (m)
Oper-
ating
level
100
50
30
10
5
3
1
0.5
0.3
0.1
2.5
0.5
1
1.5
2
0
Sensing object: 300 x 300 white paper
Distance (m)
Oper-
ating
level
E55E-EN-01+E3FZ-E3FR+Datasheet.FM Seite 8 Dienstag, 15. April 2008 5:17 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com