Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3FZ-R66H Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3FZ-R66H
Description  Easy mounting photoelectric sensor in short M18 housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FZ-R66H Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3FZ-R66H Datasheet HTML 1Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 2Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 3Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 4Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 5Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 6Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 7Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 8Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
E3FZ/E3FR
Accessories
Reflectors
Mounting brackets
Sensor I/O connectors
Note: For the complete list of sensor I/O connectors refer to E26E Accessories datasheet.
Shape
Type
Material
Features
Size in mm
Applicable Sensor
Order code
General purpose
reflectors
-ABS base
- Acrylic surface
Surface screw
mounting
(diagonal holes)
59.9x40.3x7.5
- Retroreflective
photo electric
sensors –
non polarizing
- Retroreflective
photo electric
sensors –
polarizing (MSR)
E39-R1S
Snap mounting
dia 30 mm
(reflector)
dia 6.5 mm
(snap mount)
E39-R49
Shape
Type
Material
Features
Applicable Sensor
Order code
General purpose
mounting
stainless steel
Horizontal angle adjustment
E3FZ (dia 20mm
snap holder)
E39-EL8
Telescope
mounting
3D rotation (fits to 12 mm mounting
rod)
E39-EL9
Straight
2 m
4-wire
PVC
XS2F-D421-D80-A
PUR
Y92E-M12PUR4S2M-L
5 m
PVC
XS2F-D421-G80-A
PUR
Y92E-M12PUR4S5M-L
L-shaped
2 m
PVC
XS2F-D422-D80-A
PUR
Y92E-M12PUR4A2M-L
5 m
PVC
XS2F-D422-G80-A
PUR
Y92E-M12PUR4A5M-L
E55E-EN-01+E3FZ-E3FR+Datasheet.FM Seite 3 Dienstag, 15. April 2008 5:17 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com