Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3FZ-R66H Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3FZ-R66H
Description  Easy mounting photoelectric sensor in short M18 housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FZ-R66H Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3FZ-R66H Datasheet HTML 1Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 2Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 3Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 4Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 5Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 6Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 7Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 8Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Standard Photoelectric Sensors
Ordering Information
Snap mounting – E3FZ*2
Radial mounting – E3FR
*1.
Measured with reflector E39-R1S
The reflector is sold separately.
*2.
Mounting with Snap-Holder (provided with product) or M18 Nuts (provided with product) possible.
*3.
Pre-wired connectors are available on request (item description see "Model Number Legend" on page 4)
Sensor type
Sensing distance
Connection method
Order code
NPN output
PNP output
Through-beam
15 m
––
2 m
–*3
E3FZ-T61H 2M
E3FZ-T81H 2M
–
––*3
E3FZ-T66H
E3FZ-T86H
Retroreflective with M.S.R.
0.1 to 4 m *1
––
2 m
–*3
E3FZ-R61H 2M
E3FZ-R81H 2M
–
––*3
E3FZ-R66H
E3FZ-R86H
Diffuse reflective
1 m (adjustable)
––
2 m
–*3
E3FZ-D62 2M
E3FZ-D82 2M
–
––*3
E3FZ-D67
E3FZ-D87
Diffuse reflective
(background suppression)
100 mm (fixed)
––
2 m
–*3
E3FZ-LS61H 2M
E3FZ-LS81H 2M
–
––*3
E3FZ-LS66H
E3FZ-LS86H
200 mm (fixed)
––
2 m
–*3
E3FZ-LS64H 2M
E3FZ-LS84H 2M
–
––*3
E3FZ-LS69H
E3FZ-LS89H
Sensor type
Sensing distance
Connection method
Order code
NPN output
PNP output
Through-beam
15 m
––
2 m
–*3
E3FR-T61H 2M
E3FR-T81H 2M
–
––*3
E3FR-T66H
E3FR-T86H
Retroreflective with M.S.R.
0.1 to 4 m *1
––
2 m
–*3
E3FR-R61H 2M
E3FR-R81H 2M
–
––*3
E3FR-R66H
E3FR-R86H
Diffuse reflective
1 m (adjustable)
––
2 m
–*3
E3FR-D62 2M
E3FR-D82 2M
–
––*3
E3FR-D67
E3FR-D87
Diffuse reflective
(background suppression)
100 mm (fixed)
––
2 m
–*3
E3FR-LS61H 2M
E3FR-LS81H 2M
–
––*3
E3FR-LS66H
E3FR-LS86H
200 mm (fixed)
––
2 m
–*3
E3FR-LS64H 2M
E3FR-LS84H 2M
–
––*3
E3FR-LS69H
E3FR-LS89H
E55E-EN-01+E3FZ-E3FR+Datasheet.FM Seite 2 Dienstag, 15. April 2008 5:17 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com