Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3FZ-R66H Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E3FZ-R66H
Description  Easy mounting photoelectric sensor in short M18 housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FZ-R66H Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E3FZ-R66H Datasheet HTML 8Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 9Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 10Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 11Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 12Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 13Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 14Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 15Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
12
Standard Photoelectric Sensors
Dimensions
Note: All units are in millimeters unless otherwise stated.
E3FZ-Series
Pre-wired models
Connector models
E3FZ-T
@
Emitter
E3FZ-T
@
Receiver
E3FZ-R
@
E3FZ-LS
@
E3FZ-D
@
Optical Axis
M18x1 6g
M18x1 6g
Power indicator (green)
Power indicator (green)
M12x1 6g
15
16.25
16.25
30.25
30.35
5.20
9.30
Optical Axis
M18x1 6g
M18x1 6g
Stability indicator (green)
Operation indicator (yellow)
Operation indicator (yellow)
Stability indicator (green)
M12x1 6g
15
16.25
16.25
30.25
30.35
5.20
9.30
Optical Axis
Emitter
Receiver
M18x1 6g
M18x1 6g
Stability indicator (green)
Operation indicator (yellow)
Operation indicator (yellow)
Stability indicator (green)
M12x1 6g
15
16.25
16.25
30.25
30.35
5.20
9.30
Optical Axis
Emitter
Receiver
M18x1 6g
M18x1 6g
Stability indicator (green)
Operation indicator (yellow)
Sensitivity adjuster
Sensitivity adjuster
Operation indicator (yellow)
Stability indicator (green)
M12x1 6g
15
16.25
16.25
30.25
22.55
30.35
5.20
9.30
E55E-EN-01+E3FZ-E3FR+Datasheet.FM Seite 12 Dienstag, 15. April 2008 5:17 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com