Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3FZ-R66H Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3FZ-R66H
Description  Easy mounting photoelectric sensor in short M18 housing
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3FZ-R66H Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3FZ-R66H Datasheet HTML 6Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 7Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 8Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 9Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 10Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 11Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 12Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 13Page - Omron Electronics LLC E3FZ-R66H Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Standard Photoelectric Sensors
Output Circuit Diagram
PNP Output
Model
Operation
mode
Timing charts
Mode
selector
switch
Output circuit
E3F
@-T8
E3F
@-R8
E3F
@-D8
Light ON
Connect the
pink wire
(Pin(2)) to
the brown
(Pin(1)) or
open the pink
wire (Pin(2).
Dark ON
Connect the
pink wire
(Pin(2)) to
the blue
(Pin(3)).
E3F
@-LS8
Light ON
Connect the
pink wire
(Pin(2)) to
the brown
(Pin(1)) or
open the pink
wire (Pin(2).
Dark ON
Connect the
pink wire
(Pin(2)) to
the blue
(Pin(3)).
Light Incident
Light Interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
(Between brown
and black wires)
Output transistor
Load
(e.g., relay)
4
1
3
0 V
ZD
Through-beam Receivers, retroreflective models,
diffuse reflective models
Operation
indicator
(Yellow)
Stability
indicator
(Green)
Photo-
electric
Sensor
Main
Circuit
(Control
output)
10 to 30 VDC
Brown
Black
Blue
100 mA
max.
Load
(Relay)
Light Incident
Light Interrupted
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
(Between brown
and black wires)
Output transistor
Load
(e.g., relay)
3
1
Through-beam Emitter
Power
indicator
(green)
Photo-
electric
Sensor
Main
Circuit
Brown
Blue
10 to 30 VDC
NEAR
FAR
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
Output transistor
Load
(e.g., relay)
(Between brown
and black wires)
4
3
2
1
Pink
100 mA max.
(Control output)
Light-ON
Dark-ON
0 V
ZD
Operation
indicator
(Yellow)
Stability
indicator
(Green)
Photo-
electric
Sensor
Main
Circuit
10 to 30 VDC
Brown
Black
Blue
Load
(Relay)
NEAR
FAR
ON
OFF
ON
OFF
Operate
Reset
Operation indicator
(yellow)
Output transistor
Load
(e.g., relay)
(Between brown
and black wires)
E55E-EN-01+E3FZ-E3FR+Datasheet.FM Seite 10 Dienstag, 15. April 2008 5:17 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com