Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27341 Datasheet(PDF) 22 Page - Texas Instruments

Part # LM27341
Description  2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27341 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM27341_14 Datasheet HTML 18Page - Texas Instruments LM27341_14 Datasheet HTML 19Page - Texas Instruments LM27341_14 Datasheet HTML 20Page - Texas Instruments LM27341_14 Datasheet HTML 21Page - Texas Instruments LM27341_14 Datasheet HTML 22Page - Texas Instruments LM27341_14 Datasheet HTML 23Page - Texas Instruments LM27341_14 Datasheet HTML 24Page - Texas Instruments LM27341_14 Datasheet HTML 25Page - Texas Instruments LM27341_14 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
RTJC =
TJ - TC
Power
LM27341, LM27342, LM27341Q, LM27342Q
SNVS497D – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
RθJA values for the MSOP-PowerPad @ 1Watt dissipation:
Number of Board
Size of Bottom Layer Copper
Size of Top Layer Copper
Number of 10 mil
RθJA
Layers
Connected to DAP
Connected to Dap
Thermal Vias
2
0.25 in2
0.05 in2
8
80.6 °C/W
2
0.5625 in2
0.05 in2
8
70.9 °C/W
2
1 in2
0.05 in2
8
62.1 °C/W
2
1.3225 in2
0.05 in2
8
54.6 °C/W
4 (Eval Board)
3.25 in2
2.25 in2
14
35.3 °C/W
RθJA values for the SON @ 1Watt dissipation:
Number of Board
Size of Bottom Layer Copper
Size of Top Layer Copper
Number of 8 mil
RθJA
Layers
Connected to DAP
Connected to Dap
Thermal Vias
2
0.25 in2
0.05 in2
8
78 °C/W
2
0.5625 in2
0.05 in2
8
65.6 °C/W
2
1 in2
0.05 in2
8
58.6 °C/W
2
1.3225 in2
0.05 in2
8
50 °C/W
4 (Eval Board)
3.25 in2
2.25 in2
15
30.7 °C/W
Figure 38. Estimate of Thermal Resistance vs. Ground Copper Area
Eight Thermal Vias and Natural Convection
Method 2:
The second method requires the user to know the thermal impedance of the silicon junction to case. (RθJC) is
approximately 9.5°C/W for the MSOP-PowerPad package or 9.1°C/W for the SON. The case temperature should
be measured on the bottom of the PCB at a thermal via directly under the DAP of the LM27341/LM27342. The
solder resist should be removed from this area for temperature testing. The reading will be more accurate if it is
taken midway between pins 2 and 9, where the NMOS switch is located. Knowing the internal dissipation from
the efficiency calculation given previously, and the case temperature (TC) we have:
(50)
Therefore:
TJ = (RθJC x PLOSS) + TC
(51)
22
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Links: LM27341 LM27342 LM27341Q LM27342Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com