Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27341 Datasheet(PDF) 10 Page - Texas Instruments

Part # LM27341
Description  2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27341 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM27341_14 Datasheet HTML 6Page - Texas Instruments LM27341_14 Datasheet HTML 7Page - Texas Instruments LM27341_14 Datasheet HTML 8Page - Texas Instruments LM27341_14 Datasheet HTML 9Page - Texas Instruments LM27341_14 Datasheet HTML 10Page - Texas Instruments LM27341_14 Datasheet HTML 11Page - Texas Instruments LM27341_14 Datasheet HTML 12Page - Texas Instruments LM27341_14 Datasheet HTML 13Page - Texas Instruments LM27341_14 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
RSENSE
PWM Logic
Driver
Switch
0.15:
FB
Error Amplifier
SYNC
Freq. Foldback Amplifier
-
+
VREF
1.0V
+
-
1.13V
-
+
OVP Comparator
-
+
0.53V
+
-
Thermal
Shutdown
Current
Limit
LDO
EN
PVIN
AVIN
BOOST
SW
L
C3
C2
VOUT
GND
Under
Voltage
Lockout
Corrective
Ramp
ISENSE
Reset
Pulse
PWM
Comparator
Error
Signal
Oscillator
Internal
Compensation
Soft Start
+
Current Sense
Amplifier
D2
D1
iL
R1
R2
LM27341, LM27342, LM27341Q, LM27342Q
SNVS497D – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
Block Diagram
Figure 31.
APPLICATION INFORMATION
THEORY OF OPERATION
The LM27341/LM27342 is a constant-frequency, peak current-mode PWM buck regulator IC that delivers a 1.5
or 2A load current. The regulator has a preset switching frequency of 2 MHz. This high frequency allows the
LM27341/LM27342 to operate with small surface mount capacitors and inductors, resulting in a DC-DC converter
that requires a minimum amount of board space. The LM27341/LM27342 is internally compensated, which
reduces design time, and requires few external components.
The following operating description of the LM27341/LM27342 will refer to the Block Diagram (Figure 31) and to
the waveforms in Figure 32. The LM27341/LM27342 supplies a regulated output voltage by switching the internal
NMOS switch at a constant frequency and varying the duty cycle. A switching cycle begins at the falling edge of
the reset pulse generated by the internal oscillator. When this pulse goes low, the output control logic turns on
the internal NMOS switch. During this on-time, the SW pin voltage (VSW) swings up to approximately VIN, and the
inductor current (iL) increases with a linear slope. The current-sense amplifier measures iL, which generates an
output proportional to the switch current typically called the sense signal. The sense signal is summed with the
regulator’s corrective ramp and compared to the error amplifier’s output, which is proportional to the difference
between the feedback voltage (VFB) and VREF. When the output of the PWM comparator goes high, the switch
turns off until the next switching cycle begins. During the switch off-time (tOFF), inductor current discharges
through the catch diode D1, which forces the SW pin (VSW) to swing below ground by the forward voltage (VD1)
of the catch diode. The regulator loop adjusts the duty cycle (D) to maintain a constant output voltage.
10
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Links: LM27341 LM27342 LM27341Q LM27342Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com