Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27341 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM27341
Description  2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27341 Datasheet(HTML) 4 Page - Texas Instruments

  LM27341_14 Datasheet HTML 1Page - Texas Instruments LM27341_14 Datasheet HTML 2Page - Texas Instruments LM27341_14 Datasheet HTML 3Page - Texas Instruments LM27341_14 Datasheet HTML 4Page - Texas Instruments LM27341_14 Datasheet HTML 5Page - Texas Instruments LM27341_14 Datasheet HTML 6Page - Texas Instruments LM27341_14 Datasheet HTML 7Page - Texas Instruments LM27341_14 Datasheet HTML 8Page - Texas Instruments LM27341_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
LM27341, LM27342, LM27341Q, LM27342Q
SNVS497D – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
Electrical Characteristics
Specifications with standard typeface are for TJ = 25°C, and those in boldface type apply over the full Operating
Temperature Range (TJ = -40°C to 125°C). VIN = 12V, and VBOOST - VSW = 4.3V unless otherwise specified. Datasheet
min/max specification limits are guaranteed by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
SYSTEM PARAMETERS
TJ = 0°C to 85°C
0.990
1.0
1.010
VFB
Feedback Voltage
V
TJ = -40°C to 125°C
0.984
1.0
1.014
Feedback Voltage Line
ΔVFB/ΔVIN
VIN = 3V to 20V
0.003
% / V
Regulation
IFB
Feedback Input Bias Current
20
100
nA
Over Voltage Protection, VFB at
OVP
1.13
V
which PWM Halts.
Undervoltage Lockout
VIN Rising until VSW is Switching
2.60
2.75
2.90
UVLO
V
UVLO Hysteresis
VIN Falling from UVLO
0.30
0.47
0.6
SS
Soft Start Time
0.5
1
1.5
ms
Quiescent Current, IQ = IQ_AVIN +
VFB = 1.1 (not switching)
2.4
mA
IQ_PVIN
IQ
Quiescent Current, IQ = IQ_AVIN +
VEN = 0V (shutdown)
70
nA
IQ_PVIN
fSW= 2 MHz
8.2
10
IBOOST
Boost Pin Current
mA
fSW= 1 MHz
4.4
6
OSCILLATOR
fSW
Switching Frequency
SYNC = GND
1.75
2
2.3
MHz
FB Pin Voltage where SYNC input
VFB_FOLD
0.53
V
is overridden.
fFOLD_MIN
Frequency Foldback Minimum
VFB = 0V
220
250
kHz
LOGIC INPUTS (EN, SYNC)
fSYNC
SYNC Frequency Range
1
2.35
MHz
VIL
EN, SYNC Logic low threshold
Logic Falling Edge
0.4
V
VIH
EN, SYNC Logic high threshold
Logic Rising Edge
1.8
SYNC, Time Required above VIH
tSYNC_HIGH
100
ns
to Ensure a Logical High.
SYNC, Time Required below VIL
tSYNC_LOW
100
ns
to Ensure a Logical Low.
ISYNC
SYNC Pin Current
VSYNC < 5V
20
nA
VEN = 3V
6
15
IEN
Enable Pin Current
µA
VIN = VEN = 20V
50
100
INTERNAL MOSFET
RDS(ON)
Switch ON Resistance
150
320
m
Ω
ICL
Switch Current Limit
LM27342
2.5
4.0
A
LM27341
2.0
3.7
DMAX
Maximum Duty Cycle
SYNC = GND
85
93
%
tMIN
Minimum on time
65
ns
ISW
Switch Leakage Current
40
nA
BOOST LDO
VLDO
Boost LDO Output Voltage
3.9
V
THERMAL
TSHDN
Thermal Shutdown Temperature
Junction temperature rising
165
°C
Thermal Shutdown Hysteresis
Junction temperature falling
15
°C
4
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Links: LM27341 LM27342 LM27341Q LM27342Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com