Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27341 Datasheet(PDF) 15 Page - Texas Instruments

Part # LM27341
Description  2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27341 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM27341_14 Datasheet HTML 11Page - Texas Instruments LM27341_14 Datasheet HTML 12Page - Texas Instruments LM27341_14 Datasheet HTML 13Page - Texas Instruments LM27341_14 Datasheet HTML 14Page - Texas Instruments LM27341_14 Datasheet HTML 15Page - Texas Instruments LM27341_14 Datasheet HTML 16Page - Texas Instruments LM27341_14 Datasheet HTML 17Page - Texas Instruments LM27341_14 Datasheet HTML 18Page - Texas Instruments LM27341_14 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
L =
VOUT + VD1
IOUT x r x fSW
x (1-DMIN)
D =
VOUT + VD1
VIN + VD1 - VDS
D =
VOUT
VIN
LM27341, LM27342, LM27341Q, LM27342Q
www.ti.com
SNVS497D – NOVEMBER 2008 – REVISED FEBRUARY 2010
Figure 36. Recommended Ripple Ratio Vs. Duty Cycle
The Duty Cycle (D) can be approximated quickly using the ratio of output voltage (VOUT) to input voltage (VIN):
(10)
The application's lowest input voltage should be used to calculate the ripple ratio. The catch diode forward
voltage drop (VD1) and the voltage drop across the internal NFET (VDS) must be included to calculate a more
accurate duty cycle. Calculate D by using the following formula:
(11)
VDS can be approximated by:
VDS = IOUT x RDS(ON)
(12)
The diode forward drop (VD1) can range from 0.3V to 0.5V depending on the quality of the diode. The lower VD1
is, the higher the operating efficiency of the converter.
Now that the ripple current or ripple ratio is determined, the required inductance is calculated by:
where
•
DMIN is the duty cycle calculated with the maximum input voltage
•
fsw is the switching frequency
•
IOUT is the maximum output current of 2A
(13)
Using IOUT = 2A will minimize the inductor's physical size.
INDUCTOR CALCULATION EXAMPLE
Operating conditions for the LM27342 are:
VIN = 7 - 16V
VOUT = 3.3V
IOUT = 2A
fSW = 2 MHz
VD1 = 0.5V
Copyright © 2008–2010, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM27341 LM27342 LM27341Q LM27342Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com