Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM27341 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM27341
Description  2 MHz 1.5A/2A Wide Input Range Step-Down DC-DC Regulator with Frequency Synchronization
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM27341 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM27341_14 Datasheet HTML 8Page - Texas Instruments LM27341_14 Datasheet HTML 9Page - Texas Instruments LM27341_14 Datasheet HTML 10Page - Texas Instruments LM27341_14 Datasheet HTML 11Page - Texas Instruments LM27341_14 Datasheet HTML 12Page - Texas Instruments LM27341_14 Datasheet HTML 13Page - Texas Instruments LM27341_14 Datasheet HTML 14Page - Texas Instruments LM27341_14 Datasheet HTML 15Page - Texas Instruments LM27341_14 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
LM27342
VIN
PVIN
EN
BOOST
SW
FB
GND/DAP
VOUT
C2
L1
C1
C3
R1
R2
D1
SYNC
AVIN
CLK
ON
OFF
5V
D2
LM27341, LM27342, LM27341Q, LM27342Q
SNVS497D – NOVEMBER 2008 – REVISED FEBRUARY 2010
www.ti.com
Figure 33. External Diode Charges CBOOST
HIGH OUTPUT VOLTAGE CONSIDERATIONS
When the output voltage is greater than 3.3V, a minimum load current is needed to charge CBOOST, see
Figure 34. The minimum load current forward biases the catch diode D1 forcing the SW pin to swing below
ground. This allows CBOOST to charge, ensuring that the gate drive voltage is high enough for proper operation.
The minimum load current depends on many factors including the inductor value.
Figure 34. Minimum Load Current for L = 1.5 µH
ENABLE PIN / SHUTDOWN MODE
Connect the EN pin to a voltage source greater than 1.8V to enable operation of the LM27341/LM27342. Apply a
voltage less than 0.4V to put the part into shutdown mode. In shutdown mode the quiescent current drops to
typically 70 nA. Switch leakage adds another 40 nA from the input supply. For proper operation, the
LM27341/LM27342 EN pin should never be left floating, and the voltage should never exceed VIN + 0.3V.
The simplest way to enable the operation of the LM27341/LM27342 is to connect the EN pin to AVIN which
allows self start-up of the LM27341/LM27342 when the input voltage is applied.
When the rise time of VIN is longer than the soft-start time of the LM27341/LM27342 this method may result in an
overshoot in output voltage. In such applications, the EN pin voltage can be controlled by a separate logic signal,
or tied to a resistor divider, which reaches 1.8V after VIN is fully established (see Figure 35). This will minimize
the potential for output voltage overshoot during a slow VIN ramp condition. Use the lowest value of VIN , seen in
your application when calculating the resistor network, to ensure that the 1.8V minimum EN threshold is reached.
12
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated
Product Folder Links: LM27341 LM27342 LM27341Q LM27342Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com